Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKF180 Datasheet(PDF) 4 Page - International Rectifier

Part # IRKF180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKF180 Datasheet(HTML) 4 Page - International Rectifier

  IRKF180 Datasheet HTML 1Page - International Rectifier IRKF180 Datasheet HTML 2Page - International Rectifier IRKF180 Datasheet HTML 3Page - International Rectifier IRKF180 Datasheet HTML 4Page - International Rectifier IRKF180 Datasheet HTML 5Page - International Rectifier IRKF180 Datasheet HTML 6Page - International Rectifier IRKF180 Datasheet HTML 7Page - International Rectifier IRKF180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRK.F180.. Series
4
Bulletin I27100 rev. C 03/01
www.irf.com
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
180°
0.009
0.006
K/W
T
J = 125°C
120°
0.010
0.011
90°
0.014
0.015
60°
0.020
0.020
30°
0.032
0.033
IRK
T
F
180
-
12
H
K
1
2
3
1
- Module type
2
- Circuit configuration
3
- Fast SCR
4
- Current rating: IT(AV) x 10 rounded
5
- Voltage code: Code x 100 = VRRM (See Voltage Ratings Table)
6
- dv/dt code: H
≤ 400V/µs
7
-t
q code: K ≤ 20µs
J
≤ 25µs
4
Device Code
Ordering Information Table
5
6
7
NOTE: To order the Optional Hardware see Bulletin I27900


Similar Part No. - IRKF180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRKF132-08HL IRF-IRKF132-08HL Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRKF132-08HLN IRF-IRKF132-08HLN Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
More results

Similar Description - IRKF180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com