Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF0384M-11ATXX Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # MF0384M-11ATXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0384M-11ATXX Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button MF0384M-11ATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF0384M-11ATXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
MF0XXXX-11ATXX series
ATA PC CARDS
MITSUBISHI
ELECTRIC
10
June.2001 Rev. 1.3
Primary(Secondary) I/O(Index=2, 3)
Register
REG# CE2# CE1#
A9-A4
A3
A2
A1
A0
IORD#=”L”
IOWR#=“L”
0
0
0
1Fh(17h)
0
0
0
x
Data Register(D15-D0)
Data Register(D15-D0)
0
1
0
1Fh(17h)
0
0
0
0
Data Register[Even, Odd](D7-D0)
Data Register[Even, Odd](D7-D0)
0
1
0
1Fh(17h)
0
0
0
1
Error Register(D7-D0)
Feature Register(D7-D0)
0
0
1
1Fh(17h)
0
0
0
x
Error Register(D15-D8)
Feature Register(D15-D8)
0
0
0
1Fh(17h)
0
0
1
x
Sector Count Register(D7-D0)
Sector Number Register(D15-D8)
Sector Count Register(D7-D0)
Sector Number Register(D15-D8)
0
1
0
1Fh(17h)
0
0
1
0
Sector Count Register(D7-D0)
Sector Count Register(D7-D0)
0
1
0
1Fh(17h)
0
0
1
1
Sector Number Register(D7-D0)
Sector Number Register(D7-D0)
0
0
1
1Fh(17h)
0
0
1
x
Sector Number Register(D15-D8)
Sector Number Register(D15-D8)
0
0
0
1Fh(17h)
0
1
0
x
Cylinder Low Register(D7-D0)
Cylinder High Register(D15-D8)
Cylinder Low Register(D7-D0)
Cylinder High Register(D15-D8)
0
1
0
1Fh(17h)
0
1
0
0
Cylinder Low Register(D7-D0)
Cylinder Low Register(D7-D0)
0
1
0
1Fh(17h)
0
1
0
1
Cylinder High Register(D7-D0)
Cylinder High Register(D7-D0)
0
0
1
1Fh(17h)
0
1
0
x
Cylinder High Register(D15-D8)
Cylinder High Register(D15-D8)
0
0
0
1Fh(17h)
0
1
1
x
Drive Head Register(D7-D0)
Status Register(D15-D8)
Drive Head Register(D7-D0)
Command Register(D15-D8)
0
1
0
1Fh(17h)
0
1
1
0
Drive Head Register(D7-D0)
Drive Head Register(D7-D0)
0
1
0
1Fh(17h)
0
1
1
1
Status Register(D7-D0)
Command Register(D7-D0)
0
0
1
1Fh(17h)
0
1
1
x
Status Register(D15-D8)
Command Register(D15-D8)
0
0
0
3Fh(37h)
0
1
1
x
Alt. Status Register(D7-D0)
Drive Address Register(D15-D8)
Device Control Register(D7-D0)
invalid
0
1
0
3Fh(37h)
0
1
1
0
Alt. Status Register(D7-D0)
Device Control Register(D7-D0)
0
1
0
3Fh(37h)
0
1
1
1
Drive Address Register(D7-D0)
invalid
0
0
1
3Fh(37h)
0
1
1
x
Drive Address Register(D15-D8)
invalid
IDE ATA Interface
Register
CS1#
CS0#
A2-A0
IORD#=”L”
IOWR#=“L”
1
0
0h
Data Register(D15-D0)
Data Register(D15-D0)
1
0
1h
Error Register(D7-D0)
Feature Register(D7-D0)
1
0
2h
Sector Count Register(D7-D0)
Sector Count Register(D7-D0)
1
0
3h
Sector Number Register(D7-D0)
Sector Number Register(D7-D0)
1
0
4h
Cylinder Low Register(D7-D0)
Cylinder Low Register(D7-D0)
1
0
5h
Cylinder High Register(D7-D0)
Cylinder High Register(D7-D0)
1
0
6h
Drive Head Register(D7-D0)
Drive Head Register(D7-D0)
1
0
7h
Status Register(D7-D0)
Command Register(D7-D0)
0
1
6h
Alt. Status Register(D7-D0)
Device Control Register(D7-D0)
0
1
7h
Drive Address Register(D7-D0)
invalid


Similar Part No. - MF0384M-11ATXX

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
More results

Similar Description - MF0384M-11ATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com