Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYU3000 Datasheet(PDF) 2 Page - LUXPIA

Part # LYU3000
Description  High Brightness LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LYU3000 Datasheet(HTML) 2 Page - LUXPIA

  LYU3000 Datasheet HTML 1Page - LUXPIA LYU3000 Datasheet HTML 2Page - LUXPIA LYU3000 Datasheet HTML 3Page - LUXPIA LYU3000 Datasheet HTML 4Page - LUXPIA LYU3000 Datasheet HTML 5Page - LUXPIA LYU3000 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
LYU3000
High Brightness LED Lamp
Different and Better
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power dissipation
PD
120
mW
Forward Current
IF
30
mA
*
1Peak Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30∼85
Storage Temperature
Tstg
-40∼100
*
2Soldering Temperature
Tsol
260℃ for 3 seconds
*1.Duty ratio ≦ 1/10, Pulse Width ≦ 10msec
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
■ Electrical – Optical Characteristics
(Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
-
2.1
2.7
V
Dominant Wavelength
λP
IF= 20mA
-
592
-
nm
Spectrum Bandwidth
Δλ
IF= 20mA
-
15
-
nm
Reverse Current
IR
VR=5V
-
-
10
uA
*
3Half Angle
θ1/2
IF= 20mA
-
±17
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - LYU3000

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LYU1035 LUXPIA-LYU1035 Datasheet
213Kb / 16P
   SMD Top View Type
logo
Siemens Semiconductor G...
LYU260-EO SIEMENS-LYU260-EO Datasheet
376Kb / 7P
   Mini LED 1 mm LED, Diffused
logo
LUXPIA
LYU5000 LUXPIA-LYU5000 Datasheet
191Kb / 6P
   Ultra Brightness LED Lamp
LYU5015 LUXPIA-LYU5015 Datasheet
192Kb / 6P
   Ultra Brightness LED Lamp
LYU5020 LUXPIA-LYU5020 Datasheet
192Kb / 6P
   Ultra Brightness LED Lamp
More results

Similar Description - LYU3000

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com