Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYU5000 Datasheet(PDF) 4 Page - LUXPIA

Part # LYU5000
Description  Ultra Brightness LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LYU5000 Datasheet(HTML) 4 Page - LUXPIA

  LYU5000 Datasheet HTML 1Page - LUXPIA LYU5000 Datasheet HTML 2Page - LUXPIA LYU5000 Datasheet HTML 3Page - LUXPIA LYU5000 Datasheet HTML 4Page - LUXPIA LYU5000 Datasheet HTML 5Page - LUXPIA LYU5000 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
LYU5000
Ultra Brightness LED Lamp
Different and Better
■ Characteristic Diagrams
Fig.1
IF-VF
Fig.2
IV-IF
Ta=25℃
Ta=25℃
Fig.4 Spectrum Distribution
Ta=25℃
1
10
100
1.5
1.7
1.9
2.1
2.3
2.5
Vf(V)
0.01
0.1
1
10
1
10
100
IF(mA)
Fig.3 Max. Permissible Forward Current
Ambient Temperature Ta[℃]
Ta=25℃
Forward Voltage VF[V]
Forward Current IF[mA]
Wavelength λ [nm]


Similar Part No. - LYU5000

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LYU5015 LUXPIA-LYU5015 Datasheet
192Kb / 6P
   Ultra Brightness LED Lamp
LYU5020 LUXPIA-LYU5020 Datasheet
192Kb / 6P
   Ultra Brightness LED Lamp
LYU5090 LUXPIA-LYU5090 Datasheet
129Kb / 6P
   Ultra Brightness LED Lamp
More results

Similar Description - LYU5000

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
   Ultra Brightness LED Lamp
logo
LUXPIA
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
   Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3P0TT4 BVLED-BVU-3P0TT4 Datasheet
239Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3R2TT4 BVLED-BVU-3R2TT4 Datasheet
251Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com