Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY122B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY122B
Description  UHF amplifier modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY122B Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY122B Datasheet HTML 1Page - NXP Semiconductors BGY122B Datasheet HTML 2Page - NXP Semiconductors BGY122B Datasheet HTML 3Page - NXP Semiconductors BGY122B Datasheet HTML 4Page - NXP Semiconductors BGY122B Datasheet HTML 5Page - NXP Semiconductors BGY122B Datasheet HTML 6Page - NXP Semiconductors BGY122B Datasheet HTML 7Page - NXP Semiconductors BGY122B Datasheet HTML 8Page - NXP Semiconductors BGY122B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 May 11
2
Philips Semiconductors
Product specification
UHF amplifier modules
BGY122A; BGY122B
FEATURES
• Single 4.8 V nominal supply voltage
• 1.2 W output power
• Easy control of output power by DC voltage
• Very high efficiency (typ. 55%)
• Silicon bipolar technology
• Standby current less than 100 µA.
APPLICATIONS
• Hand-held transmitting equipment operating in the
824 to 849 MHz and 872 to 905 MHz frequency ranges.
DESCRIPTION
The BGY122A and BGY122B are three-stage UHF
amplifier modules in a SOT388B package. Each module
consists of three NPN silicon planar transistor dies
mounted together with matching and bias circuit
components on a metallized ceramic substrate.
The modules produce an output power of 1.2 W into a load
of 50
Ω with an RF drive power of 2 mW.
PINNING - SOT388B
PIN
DESCRIPTION
1
RF input
2VC
3VS
4
RF output
Flange
ground
Fig.1 Simplified outline.
handbook, halfpage
12
3
4
Top view
MBK197
QUICK REFERENCE DATA
RF performance at Tmb =25 °C.
TYPE
MODE OF
OPERATION
f
(MHz)
VS
(V)
PL
(W)
Gp
(dB)
η
(%)
ZS; ZL
(
Ω)
BGY122A
CW
824 to 849
4.8
1.2
≥27.8
typ. 55
50
BGY122B
CW
872 to 905
4.8
1.2
≥27.8
typ. 55
50


Similar Part No. - BGY122B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY120A PHILIPS-BGY120A Datasheet
45Kb / 8P
   UHF amplifier modules
1997 Nov 11
BGY120B PHILIPS-BGY120B Datasheet
45Kb / 8P
   UHF amplifier modules
1997 Nov 11
More results

Similar Description - BGY122B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY120A PHILIPS-BGY120A Datasheet
45Kb / 8P
   UHF amplifier modules
1997 Nov 11
BGY49A PHILIPS-BGY49A Datasheet
197Kb / 9P
   UHF AMPLIFIER MODULES
October 1990
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
logo
Motorola, Inc
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
   UHF Linear Amplifier
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
   UHF Linear Amplifier
logo
NXP Semiconductors
BGY916 PHILIPS-BGY916 Datasheet
88Kb / 12P
   UHF amplifier module
1998 May 27
BGY925 PHILIPS-BGY925 Datasheet
88Kb / 12P
   UHF amplifier module
2000 Feb 02
BGY212A PHILIPS-BGY212A Datasheet
132Kb / 11P
   UHF amplifier module
1999 Aug 23
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
   VHF/UHF AMPLIFIER
logo
Motorola, Inc
MHL8015 MOTOROLA-MHL8015 Datasheet
50Kb / 4P
   UHF Lineat Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com