Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC313G70SHLFG Datasheet(PDF) 1 Page - ITT Industries

Part # KSC313G70SHLFG
Description  Sealed Tact Switch for SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC313G70SHLFG Datasheet(HTML) 1 Page - ITT Industries

  KSC313G70SHLFG Datasheet HTML 1Page - ITT Industries KSC313G70SHLFG Datasheet HTML 2Page - ITT Industries KSC313G70SHLFG Datasheet HTML 3Page - ITT Industries KSC313G70SHLFG Datasheet HTML 4Page - ITT Industries KSC313G70SHLFG Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.
www.ittcannon.com
B–17
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
KSC Series
Sealed Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Features/Benefits
Positive tactile feel
Range of 6 actuation forces
J or G terminations
Tape & reel
IP 67
RoHS compliant and compatible
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
1) Tolerances of operating force FA is ± 25%.
A detect switch version is available KSC4D1J and KSC4D1G.
Please see Detect chapter, page F–7.
Actuator
1 Without, H=2,5 mm
2 Soft, H=3,5 mm
3 Hard, H=3,5 mm
4 Soft, H=5,2 mm
6 Hard, H=7,7 mm
K
S
C
Operating Force
0 1.2 N (120 grams)
1 1.4 N (140 grams)
2 1.6 N / 1.7 N *
(160 grams)/(170 grams)
4 3 N / 3.5 N *
(300 grams)/(350 grams)
5 5.5 N (550 grams)
Contact
Material
1 Silver
3 Gold
Termination
J J bend
G Gull wing
V Right angle
(available in KSC421V and KSC621V versions only)
Operating force
Operating
FA1) Newtons
life
Type
(grams)
(operations)
Travel
KSC121J
1.85 (185)
200,000
0,3±0,15
KSC141J
3.0 (300)
200,000
0,3±0,15
KSC151J
5.5 (550)
100,000
0,35±0,15
KSC221J
2.0 (200)
500,000
0,35+0,30/-0,10
KSC241J
3.5 (350)
300,000
0,5±0,2
KSC321J
1.6 (160)
500,000
0,20+0,30/-0,0
KSC341J
3.0 (300)
300,000
0,20+0,30/-0,0
KSC351J
5.5 (550)
100,000
0,25+0,30-0,0
KSC401J50SH
1.1 (110)
5,000,000
0,35±0,15
KSC411J70SH
1.4 (140)
1,000,000
0,35+0,2/-0,2
KSC421J70SH
1.7 (170)
1,000,000
0,50+0,25/-0,25
KSC441J70SH
3.2 (320)
300,000
0,75+0,25/-0,25
KSC621J
1.6 (160)
500,000
0,50±0,20
KSC641J
3.0 (300)
300,000
0,50±0,20
KSC421V
1.7 (170)
1,000,000
0,50+0,25/-0,25
KSC621V
1.7 (170)
100,000
0,50±0,20
Typical Applications
Automotive
Cellular phones
Industrial electronics
Network infrastructure and IT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 250 V
CONTACT RESISTANCE: < 100 m
INSULATION RESISTANCE (100 V): > 109
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Compatible with the lead free soldering profile.
Packaging
KSC1, KSC2 and KSC3 are delivered on continuous tape and reels of
2,000 pieces, KSC4 in reels of 1,000 pieces. KSC 6 in reels of 750
pieces. KSCV in boxes of 500 pieces. Dimensions of reels according
to EIA RS481 or IEC 2863. External diameter 330 mm ± 2 mm.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
*
See Mechanical chart above to confirm specifications.
** Applies to KSC401J50SH only.
*** Applies to KSC 411J70SH, KSC421J70SH, KSC441J70SH
S
H
Rubber Hardness Indication
50 Shore**
70 Shore***


Similar Part No. - KSC313G70SHLFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC313G70LFG CK-COMPONENTS-KSC313G70LFG Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC313G70LFS CK-COMPONENTS-KSC313G70LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC313G70SHLFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC323G ETC2-KSC323G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com