Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDM-9PH1A-A30 Datasheet(PDF) 1 Page - ITT Industries

Part # RMDM-9PH1A-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-9PH1A-A30 Datasheet(HTML) 1 Page - ITT Industries

  RMDM-9PH1A-A30 Datasheet HTML 1Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 2Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 3Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 4Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 5Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 6Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 7Page - ITT Industries RMDM-9PH1A-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Metal Shell - .050" Contact Spacing
MDM
MDM connectors are used in applications
requiring highly reliable, extremely small, light-
weight connectors with higher density contact
configurations than available in traditional rec-
tangular connectors. They are available in 8
shell sizes accommodating from 9 to 100 con-
tacts, and special arrangements of power and
coaxial contacts.
These connectors are designed to meet the rap-
idly increasing demands for an environmental,
high performance, rugged, moisture-sealed
microminiature connector. This connector
employs size 24 MICROPINTM/MICROSOCKETTM
contacts on .050 (1.27) centers in a contact
density identical to the standard MICRO-D con-
nector series, but with these additional features:
• Aluminum shells to provide greater
strength, prevent chipping, cracking or
breaking, offer electromagnetic (EMI) and
RFI shielding.
• Silicone elastomer compression interfacial
seal to provide a moisture and humidity
seal between each contact and between
contacts and shell.
Specifications
STANDARD MATERIALS AND FINISHES
Shell
Insulator
Contacts
Mounting Hardware
Kit, Jackpost (3) items
Washer
Standard Epoxy
- 6061-T6 Aluminum alloy per
QQ-A-200/8, yellow chromate/
cadmium, Type II, Class 3 over
electroless nickel per SAE
AMS-C-26074, Class 4.
- Liquid Crystal Polymer per MIL-M-24519,
Type GLCP-30F (9-100)
- Glass filled diallyl phthalate per
MIL-M-14, Type SDGF (7*2 and 24*4)
- Polyphenylene sulfide per
MIL-M-24519, Type GST-40F (16*5)
- Polyester per MIL-M-24519, Type
GPT-30F (10*10)
- Copper alloy, gold plate
- 300 Series stainless steel, passivate
- 300 Series stainless steel, passivate
- 400 Series stainless stell, passivate
- Hysol EE4215/HD3561, color black
or Hysol EE4198/HD3561, color green
Coupling
Polarization
Contact Spacing
Centers
Shell Styles
No. of Contacts
Coaxial Cable
Wire Size
Contact Termination
- Friction/jackscrews
- Keystone-shaped shells
- .050 (1.27)
- Plug and receptacle
- 9 thru 100 signal;
5 signal/2 coaxial;
5 signal/2 power;
11 signal/5 coaxial;
11 signal/5 power;
0 signal/10 coaxial;
0 signal/10 power;
20 signal/4 coaxial;
20 signal/4 power
- RG - 178/U
- #24 thru #32 AWG
- Multiple indent crimp
MECHANICAL FEATURES
Performance Data
The table below summarizes the results of key tests performed in accordance with MIL-STD-1344, where
applicable. Data is applicable to standard connectors with standard termination. Variations may affect this
data, so please consult customer service for further information on your requirements.
Test
Dielectric Withstanding
Voltage
Method 3001:
Insulation Resistance
Method 3003
600 VAC at sea level
150 VAC at 70,00' altitude
No breakdown
No breakdown
5,000 megohms minimum
No physical damage
No physical damage
No loss of continuity > 1 µsec
No physical damage
No loss of continuity > 1 µsec
No mechanical or electrical defects
Insulation resistance > 100 megohms
Shall be capable of mating and unmating,
and meet contact resistance requirements
8 milliohms maximum
10 milliohms maximum
5 lb. minimum axial load
- 55˚C to +125˚C
50 G's, 3 axes, 6 millisecond
duration sawtooth pulse
20 G's, 10-2,000 Hz. 12 hrs
48 hours
At 3 amps
At 1 milliamp
Thermal Shock
Method 1003. Condition A:
Physical Shock
Method 2004, Condition E:
Vibration
Method 2005, Condition IV:
Durability
500 cycles of mating and
unmating, 500 CPH max.
Moisture Resistance
Method 1002, Type II, omit steps 7a & 7b
Salt Spray
Method 1001, Condition B:
Contact Resistance
(MIL-STD-202)
Method 1001, Condition B:
Contact Retention
Per MIL-DTL-83513
Method
Criteria of Acceptance


Similar Part No. - RMDM-9PH1A-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-9PH1A-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com