Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV74A14-32PWL Datasheet(PDF) 10 Page - ITT Industries

Part # PV74A14-32PWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV74A14-32PWL Datasheet(HTML) 10 Page - ITT Industries

Back Button PV74A14-32PWL Datasheet HTML 2Page - ITT Industries PV74A14-32PWL Datasheet HTML 3Page - ITT Industries PV74A14-32PWL Datasheet HTML 4Page - ITT Industries PV74A14-32PWL Datasheet HTML 5Page - ITT Industries PV74A14-32PWL Datasheet HTML 6Page - ITT Industries PV74A14-32PWL Datasheet HTML 7Page - ITT Industries PV74A14-32PWL Datasheet HTML 8Page - ITT Industries PV74A14-32PWL Datasheet HTML 9Page - ITT Industries PV74A14-32PWL Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.ittcannon.com
166
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Assembly Procedures
STRIPPING AND CRIMPING
3/16" for
#20 CONTACT
9/32" for
#16 CONTACT
9/32" for
#12 CONTACT
Right
Wrong
CONTACT INSERTION
OPENING
COLORED END
FOR INSERTION
CONTACT EXTRACTION
COMPLETION
BROKEN CIRCLE
BREAK
1. Strip wires according to contact size: 3/16" for #20 and 9/32"for
#16 and#12. #20 contacts accommodate AWG wire sizes 20, 22, or
24; #16 accommodates 16, 18 or 20; and #12 accommodates 12 or 14.
4. Insert contact and wire into tool jaws. To crimp, squeeze handles
together fully until ratchet release and allows handles to expand;
otherwise, contact cannot be extracted from tool jaws. Maintain slight
insertion pressure on wire while crimping contact to wire.
3. Slide back tool on wire shile holding thumb against wire at opening.
Wire will slip into tool.
NOTE: Socket contacts should be inserted partially into grommet
by hand before using insertion tool.
6. Withdraw tool from rear of plug. To be sure that contact is locked,
pull back lightly on wire. Then remove tool from wire and proceed with
other contacts.
2.
Push tool into rear of plug until it bottoms. At this point, tool
releases tines on retaining clip so that contact can be extracted.
3. While maintaining slight insertion force on tool, firmly hold wire
against serrated shoulder at center of tool and extract both wired
contact and tool from plug.
4. Check face of plug or receptacle for proper contact installation. In
socket inserts with a large number of contact, cavities are identified in
a spiral pattern. A projecting line from the spiral indictates omission of a
letter; a broken circle around a cavity indicates transition between
capitals and lower case and double letters.
7. After all contacts are inserted, fill unwired cavities with sealing
plugs (insert head last and leave end protruding for ease of removal),
assemble backshell on rear of connector.
1. Remove backshell and slide back along wires to allow access. To
extract a contact, use white end of CIET tool. Place wire into tool at
large opening. Slide back tool on wire while holding thumb against wire
at opening. Wire will slip into tool.
4. With tool pressed against shoulder of contact, starting at the center
cavity, insert wired contact and tool into properly identified cavity at
rear of plug with firm, even pressure. Do not use excessive pressure.
5. When contact bottoms, a slight click can be heard as tines of metal
reataining clip snaps into place behind contact shoulder.
1. Remove backshell and put wired contacts thru cable clamp opening.
2. Used colored end of CIET tool for insertion. Place wire into tool at
large opening. To facilitate contact insertion, a 6-in. min. free lenght of
wire is recommended.
2. Insert wire into rear of contact. Wire insulation must butt against
rear of contact. Wire must be visible thru inspection hole.
3. Use M22520/1-01 crimp tool with proper crimp locator M22520/
1-02. The color code hand on the contact (red for #20, blue for #16
and yellow for #12) must match the color code of the locator and the
insertion tool throughout the crimping and assembly operations.


Similar Part No. - PV74A14-32PWL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV7 E-SWITCH-PV7 Datasheet
138Kb / 1P
   Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV74A14-32PWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com