Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT60486-AS-G Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT60486-AS-G
Description  32 & 48 KEY QMATRIX ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60486-AS-G Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT60486-AS-G Datasheet HTML 4Page - Quantum Research Group QT60486-AS-G Datasheet HTML 5Page - Quantum Research Group QT60486-AS-G Datasheet HTML 6Page - Quantum Research Group QT60486-AS-G Datasheet HTML 7Page - Quantum Research Group QT60486-AS-G Datasheet HTML 8Page - Quantum Research Group QT60486-AS-G Datasheet HTML 9Page - Quantum Research Group QT60486-AS-G Datasheet HTML 10Page - Quantum Research Group QT60486-AS-G Datasheet HTML 11Page - Quantum Research Group QT60486-AS-G Datasheet HTML 12Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
FMEA error flags are cleared. Any FMEA errors will be reported
as the tests are performed for the first time.
The FMEA testing is done on all enabled keys in the matrix, and
results are reported via the serial interface through a dedicated
status command (page 15). Disabled keys are not tested. The
existence of an error is also reported in normal key reporting
commands such as Report 1st Key, page 15.
Assuming no detect events occur, the real time that elapses
from the start of one sequence of FMEA tests to the start of the
next, i.e. the FMEA sequence time, never exceeds 2s.
Also, since the devices only communicate in slave mode, the
host can determine immediately if the QT has suffered a
catastrophic failure. The QT can also participate in
cross-checking the integrity of the host controller, and even
reset the host if no communications have been heard from it in
a short while (via the LED pin output, page 23).
The FMEA tests performed are:
X drive line shorts to Vdd and Vss
X drive line shorts to other pins
X drive signal deviation
Y line shorts to Vdd and Vss
Y line shorts to other pins
X to Y line shorts
Cs capacitor checks including shorts and opens
Vref test
Other tests incorporated into the devices include:
A test for signal levels against a preset min value (LSL
setup, see Section 5.15, page 23). If any signal level falls
below this level, an error flag is generated.
CRC communications checks on all critical command and
data transmissions.
‘Last-command’ command to verify that an instruction was
properly received.
Loss of communications reset of the host controller.
For those applications requiring it, Quantum can supply sample
FMEA test data on special request.
lQ
8
QT60486-AS R8.01/0105


Similar Part No. - QT60486-AS-G

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60485 QUANTUM-QT60485 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485-AS QUANTUM-QT60485-AS Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485-S QUANTUM-QT60485-S Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485B-A QUANTUM-QT60485B-A Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60485B-AS QUANTUM-QT60485B-AS Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
More results

Similar Description - QT60486-AS-G

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60645B QUANTUM-QT60645B Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60248 QUANTUM-QT60248 Datasheet
867Kb / 28P
   16, 24 KEY QMATRIX ICs
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
   32 KEY QMATRIX CHARGE-TRANSFER IC
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
609Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
ATMEL Corporation
AT42QT1481 ATMEL-AT42QT1481_14 Datasheet
801Kb / 73P
   48-Key QMatrix FMEA IEC/EN60730 Touch Sensor IC
logo
Quantum Research Group
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com