Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L101011MS02QE Datasheet(PDF) 6 Page - ITT Industries

Part # L101011MS02QE
Description  Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L101011MS02QE Datasheet(HTML) 6 Page - ITT Industries

  L101011MS02QE Datasheet HTML 1Page - ITT Industries L101011MS02QE Datasheet HTML 2Page - ITT Industries L101011MS02QE Datasheet HTML 3Page - ITT Industries L101011MS02QE Datasheet HTML 4Page - ITT Industries L101011MS02QE Datasheet HTML 5Page - ITT Industries L101011MS02QE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
J–23
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
AVAILABLE HARDWARE
.200 DIA.
(5,08 )
.120
(3,05)
.155
(3,94)
.375 DIA.
(9,53 )
.120
(3,05)
.250
(6,35)
.310 DIA.
(7,87 )
.250
(6,35)
.138
(3,51)
Cap
Compatible with 13-19 actuators
PART NO.
708902000
BLACK
708903000
RED
Material: Nylon
Finish: Gloss
Cap
Compatible with 13-19 actuators
PART NO.
894002000
BLACK
894003000
RED
Material: Nylon
Finish: Gloss
Cap
Compatible with 13-19 actuators
PART NO.
894102000
BLACK
894103000
RED
Material: Nylon
Finish: Gloss
Cap
Compatible with 13-19 actuators
PART NO.
484602000
BLACK
484603000
RED
Material: Nylon
Finish: Gloss
PART NO.
798202263
BLACK
798203000
RED
Material: Nylon
Finish: Matte
Cap
Compatible with 13-19 actuators
PART NO.
752702000
BLACK
752703000
RED
Material: Nylon
Finish: Gloss
Cap
Compatible with 13-19 actuators
PART NO.
801802000
BLACK
801803000
RED
Material: Nylon
Finish: Gloss
.450 SQ.
(11,43)
.195
(4,95)
.240
(6,10)
C&K L Series
Miniature Slide Switches
Cap
Compatible with 01-05 actuators
PART NO.
120100602
BLACK
Material: Nylon
Finish: Matte
Splash Cap
PART
NO.
120100200
Material: Nylon
Splash Cap
PART NO.
120100300
Material: Nylon
NOTE: Other colors available,
consult Customer Service Center.
Splash Cap
PART NO.
120100400
Material: Nylon
Fits ‘MA’ mounting style,
LXX3 models only.
Fits ‘MS’ mounting style,
LXX1 & LXX2 models only.
Fits ‘MV’ mounting style,
LX1X models only.


Similar Part No. - L101011MS02QE

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
More results

Similar Description - L101011MS02QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com