Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT60240 Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT60240
Description  16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60240 Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT60240 Datasheet HTML 5Page - Quantum Research Group QT60240 Datasheet HTML 6Page - Quantum Research Group QT60240 Datasheet HTML 7Page - Quantum Research Group QT60240 Datasheet HTML 8Page - Quantum Research Group QT60240 Datasheet HTML 9Page - Quantum Research Group QT60240 Datasheet HTML 10Page - Quantum Research Group QT60240 Datasheet HTML 11Page - Quantum Research Group QT60240 Datasheet HTML 12Page - Quantum Research Group QT60240 Datasheet HTML 13Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Figure 2.7 Wiring Diagram
See Table 2.2 for further connection information.
Suggested regulator manufacture rs:
Toko (XC6215 series)
Seiko (S817 series)
BCDSemi (AP2121 series)
lQ
9
QT60240-ISG R8.06/0906
LATCH
SCL
SDA
VDD
RS2
1M
RS0
1M
*RX2
1K
*RX6
1K
**RY2
1K
**RY0
1K
*RX0
1K
Vunreg
+1.8V to +5V
VREG
10K
VDD
**RY1
1K
*RX4
1K
SCOPE SYNC
MAINS SYNC
CHANGE
I2C
RS1
1M
Note: Leave YnA, YnB unconnected
if not used
CS1
4.7nF
* optional - for emission suppression
** optional - for RF susceptibility improvement
*RX3
1K
*RX1
1K
*RX7
1K
QT60240
QT60160
10K
CS2
4.7nF
4.7nF
CS0
*RX5
1K
follow regulator manufacturers
recommended values for input and
output bypass capacitors; keep output
capacitor close to QT60xx0 pins 4 and 6.
If not possible, add a 100nF capacitor
next to those pins.


Similar Part No. - QT60240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QT60240 ETC2-QT60240 Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60240 QUANTUM-QT60240 Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
More results

Similar Description - QT60240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QT60240-ATG ETC2-QT60240-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
logo
Quantum Research Group
QT60160-ATG QUANTUM-QT60160-ATG Datasheet
615Kb / 26P
   16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
QT60248 QUANTUM-QT60248 Datasheet
867Kb / 28P
   16, 24 KEY QMATRIX ICs
logo
ATMEL Corporation
AT42QT2160 ATMEL-AT42QT2160_14 Datasheet
573Kb / 51P
   16-key QMatrix Touch Sensor IC
AT42QT1244 ATMEL-AT42QT1244_14 Datasheet
1Mb / 61P
   24-key QMatrix FMEA IEC/EN/UL60730 Touch Sensor
AT42QT1245 ATMEL-AT42QT1245_14 Datasheet
1Mb / 59P
   24-key QMatrix FMEA IEC/EN/UL60730 Touch Sensor
logo
Quantum Research Group
QT60645B QUANTUM-QT60645B Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60645 QUANTUM-QT60645 Datasheet
809Kb / 42P
   32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
   32 & 48 KEY QMATRIX ICs
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com