Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT1106-ISG Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT1106-ISG
Description  QWHEEL/QSLIDE/QTOUCH IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1106-ISG Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT1106-ISG Datasheet HTML 5Page - Quantum Research Group QT1106-ISG Datasheet HTML 6Page - Quantum Research Group QT1106-ISG Datasheet HTML 7Page - Quantum Research Group QT1106-ISG Datasheet HTML 8Page - Quantum Research Group QT1106-ISG Datasheet HTML 9Page - Quantum Research Group QT1106-ISG Datasheet HTML 10Page - Quantum Research Group QT1106-ISG Datasheet HTML 11Page - Quantum Research Group QT1106-ISG Datasheet HTML 12Page - Quantum Research Group QT1106-ISG Datasheet HTML 13Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
3.5 SPI Host Commands
3.5.1 Overview
The command from the host consists of three bytes, #1, #2
and #3. These three bytes contain operation mode settings
which must be transmitted every time. The setting
information in these three bytes becomes effective
immediately after all three are received by the QT1106.
The response to these three bytes are three data bytes
containing key detection information.
A downloadable host-driver software example for controlling
the QT1106 can be found on the Quantum website at
http://www.qprox.com/toolbox/1106.
There are two command modes, selectable through bit CT.
CT - Custom threshold: Selects between normal command
bytes and custom threshold commands.
CT=0: Normal commands.
CT=1: Custom Threshold commands.
3.5.2 Normal Command Mode
When CT=0, the three host command bytes should contain
the following bits:
Cal Key Num
CalK
CalW
Resolution
3
Mode
LPB
DI
MOD
0
2
AKS
SLD
Prox
0
0
CT=0
1
0
1
2
3
4
5
6
7
Bit
Host
Byte #
Bits labelled ‘0’ should not be altered.
The bits used in these three bytes are defined as follows:
AKS - Three bits used to determine the AKS mode. See
Section 2.4 for further information.
AKS (6 keys3 + Wheel/Slider) + key 7
1
0
1
AKS 4 keys1 + (3 Keys2 + Wheel/Slider)
0
0
1
AKS 4 keys1 + 3 Keys2 + Wheel/Slider
1
1
0
AKS keys + Wheel/Slider
0
1
0
AKS global
1
0
0
AKS disabled (default)
0
0
0
0
1
2
AKS Option
AKS
1 keys 1-4 AKS’d together
2 keys 5-7 AKS’d together
3 keys 1-6 AKS’d together
SLD - Scrolling device type selection.
SLD=0: Wheel mode (default)
SLD=1: Linear slider mode.
Prox - Key 7 QMagic Proximity mode. See Section 2.6 for
further information.
Prox=0: Key 7 is a normal key (default)
Prox=1: Key 7 is a proximity sensor.
Note: Once activated, Key 7 will be in QMagic Proximity
mode until a reset occurs.
Mode - These bits determine the Sleep / Low Power modes
the device runs in.
(reserved)
1
1
1
Sleep
0
1
1
Sync mode
1
0
1
LP mode, 760ms1 response time (680ms2)
0
0
1
LP mode, 440ms1 response time (360ms2)
1
1
0
LP mode, 280ms1 response time (200ms2)
0
1
0
LP mode, 200ms1 response time (120ms2)
1
0
0
Free Run (default)
0
0
0
0
1
2
Operating Mode
Mode Bits
1 response times are estimated using a DI of six counts.
2 response times are estimated using a DI of two counts.
LPB- Sets the LP mode ‘following burst’ option. See
Figures 4.1 and 4.2.
LPB=0: If the host communicates with the device or there
is an /SS pulse during any LP mode (modes 001 to
100), there will be no following burst. The only bursts
that will take place are those that occur as naturally
defined by the LP mode noted above.
LPB=1: If the host communicates with the device or there
is an /SS pulse during any LP mode (modes 001 to
100), there will be an additional burst following /SS
raising high. (default)
DI - Set the ‘Detect Integrator’ noise filter function.
DI=0: Two detections required to confirm a touch (faster
but less noise immune).
DI=1: Six detections required to confirm a touch (slower
but more noise immune; appropriate for most
applications). (default)
MOD (Recal Time) - Sets the 'Maximum On-duration' for all
keys. Controls the time from the start of a key detection to
when the key is automatically recalibrated . See Table 2.1
for MOD times in other operating modes.
infinite MOD - timeout disabled
1
1
60s
0
1
20s
1
0
10s (default)
0
0
5
6
Maximum On-duration in Free Run Mode
MOD
Cal Key Num - key to be recalibrated when CalK=1.
Recalibrate Key 7
1
1
1
Recalibrate Key 6
0
1
1
Recalibrate Key 5
1
0
1
Recalibrate Key 4
0
0
1
Recalibrate Key 3
1
1
0
Recalibrate Key 2
0
1
0
Recalibrate Key 1
1
0
0
Recalibrate all keys (excluding wheel/slider)
0
0
0
0
1
2
Key
Cal Key
Num Bits
CalK - Recalibrates the key(s) specified by Cal Key Num.
CalK=0: No recalibration (normal state of this bit) .
CalK=1: The device recalibrates key(s).
CalW - Recalibrates the wheel/slider.
CalW=0: No recalibration (normal state of this bit).
CalW=1: The device recalibrates the wheel/slider.
Lq
9
QT1106-ISG R8I.05/0906


Similar Part No. - QT1106-ISG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1106-ISG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT511-ISSG QUANTUM-QT511-ISSG Datasheet
252Kb / 12P
   QWHEEL TOUCH SLIDER IC
QT401 QUANTUM-QT401 Datasheet
321Kb / 16P
   QSLIDE TOUCH SLIDER IC
QT411 QUANTUM-QT411 Datasheet
255Kb / 12P
   QSLIDE TOUCH SLIDER IC
QT510 QUANTUM-QT510 Datasheet
322Kb / 14P
   QWHEEL TOUCH SLIDER IC
QT110 QUANTUM-QT110_05 Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160 Datasheet
1Mb / 49P
   QSlide?? 16-key QMatrix??Sensor IC
logo
Quantum Research Group
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com