Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT1106 Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT1106
Description  QWHEEL/QSLIDE/QTOUCH IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1106 Datasheet(HTML) 3 Page - Quantum Research Group

  QT1106 Datasheet HTML 1Page - Quantum Research Group QT1106 Datasheet HTML 2Page - Quantum Research Group QT1106 Datasheet HTML 3Page - Quantum Research Group QT1106 Datasheet HTML 4Page - Quantum Research Group QT1106 Datasheet HTML 5Page - Quantum Research Group QT1106 Datasheet HTML 6Page - Quantum Research Group QT1106 Datasheet HTML 7Page - Quantum Research Group QT1106 Datasheet HTML 8Page - Quantum Research Group QT1106 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1 Overview
1.1 Introduction
The QT1106 is an easy to use sensor IC based on
Quantum’s patented charge-transfer (‘QT’) principles for
robust operation and ease of design. This device has many
advanced features which provide for reliable, trouble-free
operation over the life of the product. In particular the
QT1106 features advanced self-calibration, drift
compensation, and fast thermal tracking. Unlike prior
devices, the QT1106 can tolerate power supply fluctua tions
better in order to eliminate the need for a voltage regulator in
many cases.
1.2 Burst Operation
The device operates in burst mode. Each key is acquired
using a burst of charge-transfer sensing pulses whose count
varies depending on the value of the sense capacitor Cs and
the load capacitance Cx (finger touch capacitance and circuit
stray capacitance).
The channels’ signals are acquired using three successive
bursts of pulses:
Burst 1: B1, B3, B5, B7 (for discrete keys 1, 3, 5, 7)
Burst 2: B2, B4, B6 (for discrete keys 2, 4, 6 )
Burst 3: A1, A2, A3 (for wheel or slider)
Bursts always operate in 1, 2, 3 sequence as a group and
occur one right after the other with minimum delay. The
groups are separated by an interval of time that can be used
for SPI communications.
Spread-spectrum operation - Bursts can operate over a
spread of frequencies, so that external fields will have
minimal effect on key operation and emissions are very
weak.
Spread-spectrum operation works together with the ‘detect
integrator’ (DI) mechanism to dramatically reduce the
probability of false detection due to noise. An external RC
circuit is required to implement spread spectrum, but this
circuit is optional.
1.3 User Interface Layout Options
The QT1106 can sense through all common plastics or glass
or other dielectric materials up to 10mm thick. It can be used
to implement a linear slider or rotary scroll wheel plus seven
additional discrete keys. The slider or wheel indicat es
absolute positions.
1.4 Slider and Wheel Construction
The QT1106 can connect to either a wheel or a linear slider
element (Figure 1.1). Selection of wheel or linear operation
is set through an SPI command. The basis of these designs
is found in US Patent 4,264,903 (expired).
The first and last positions of the linear slider have larger
touch areas.
As with touch button electrodes, wheels and sliders can be
constructed as etched areas on a PCB or flex circuit, or from
clear conductors such as Indium Tin Oxide (ITO) or screen-
printed Orgacon™ (Agfa) to allow backlighting effects, or for
use over an LCD display.
1.5 QMagic
TM Proximity Effect
Channel 7 of the QT1106 can optionally operate a ‘magic on’
function based on hand or body proximity to a product. By
using a relatively large electrode inside the product’s
enclosure and a larger value of Csb7 (see Figure 2.1), the
product can auto power up or activate its display with hand
approach. This simple feature can add enormous sales
appeal to almost any product.
1.6 SPI Interface
The QT1106 uses a five-wire SPI interface. In addition to the
standard four SPI signals (/SS, SCLK, MOSI and MISO),
there is a DRDY (data ready) output for flow control.
The QT1106 also provides a CHANGE signal to indicate
when there has been a change in detection state. This
removes the need for the host to poll the QT1106
continuously.
On each SPI transfer the host sends three bytes to the
QT1106 and the QT1106 simultaneously sends three bytes
to the host. The bytes sent from the host provide the QT1106
with all its configuration information; the bytes sent from the
QT1106 convey the key states.
Lq
3
QT1106-ISG R8I.05/0906
Figure 1.1 All-Metal Slider and Wheel Construction
(downloadable example CAD files for wheels and sliders can be found on the Quantum
website,http://www.qprox.com/toolbox/1106 )
0
127
1 to 126
Position (at 7 bits - 0 to 127)
SNSA3
SNSA3
SNSA2
SNSA1
Tips of triangles should be
spaced <=4mm apart.
<=4mm
<=4mm
SNSA3
SNSA2
SNSA1
Position 0
Position 43
Position 85


Similar Part No. - QT1106

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1106

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT511-ISSG QUANTUM-QT511-ISSG Datasheet
252Kb / 12P
   QWHEEL TOUCH SLIDER IC
QT401 QUANTUM-QT401 Datasheet
321Kb / 16P
   QSLIDE TOUCH SLIDER IC
QT411 QUANTUM-QT411 Datasheet
255Kb / 12P
   QSLIDE TOUCH SLIDER IC
QT510 QUANTUM-QT510 Datasheet
322Kb / 14P
   QWHEEL TOUCH SLIDER IC
QT110 QUANTUM-QT110_05 Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160 Datasheet
1Mb / 49P
   QSlide?? 16-key QMatrix??Sensor IC
logo
Quantum Research Group
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
logo
ATMEL Corporation
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com