Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL6211 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL6211
Description  1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6211 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL6211 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6211 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BL6211
http://www.belling.com.cn
- 4 -
8/14/2006
Total 10 Pages
Wrote by 2006
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common Mode
Rejection Ratio
CMRR
f=217Hz
VCM=200mVPP
-78
dB
Output Offset
VOS
VIN=0V
2
8
mV
Shutdown Voltage
Input High
VSDIH
1.5
V
Shutdown Voltage
Input Low
VSDIL
0.5
V
Closed Loop Gain
AV
36kΩ
Ri
40kΩ
Ri
44kΩ
Ri
V/V
Note1: Unterminated input
Note2: 10Ωterminated input


Similar Part No. - BL6211

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6212 BELLING-BL6212 Datasheet
321Kb / 10P
   External gain configuration capability
BL6212CP BELLING-BL6212CP Datasheet
321Kb / 10P
   External gain configuration capability
BL6213 BELLING-BL6213 Datasheet
234Kb / 8P
   External gain configuration capability
More results

Similar Description - BL6211

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR4890 LRC-LR4890 Datasheet
566Kb / 10P
   1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors
logo
AiT Semiconductor Inc.
A2211 AITSEMI-A2211 Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com