Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT1100A-ISG Datasheet(PDF) 5 Page - Quantum Research Group

Part # QT1100A-ISG
Description  10 KEY QTOUCH SENSOR IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1100A-ISG Datasheet(HTML) 5 Page - Quantum Research Group

  QT1100A-ISG Datasheet HTML 1Page - Quantum Research Group QT1100A-ISG Datasheet HTML 2Page - Quantum Research Group QT1100A-ISG Datasheet HTML 3Page - Quantum Research Group QT1100A-ISG Datasheet HTML 4Page - Quantum Research Group QT1100A-ISG Datasheet HTML 5Page - Quantum Research Group QT1100A-ISG Datasheet HTML 6Page - Quantum Research Group QT1100A-ISG Datasheet HTML 7Page - Quantum Research Group QT1100A-ISG Datasheet HTML 8Page - Quantum Research Group QT1100A-ISG Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Table 1.2 Standalone Pinlist
Scanport, with EEPROM; no serial interface
Vss or open
To CS2
Sense pin
I/O
SNS2K
48
Open
To CS2 + Key
Sense pin
I/O
SNS2
47
Vss or open
To CS1
Sense pin
I/O
SNS1K
46
Open
To CS1 + Key
Sense pin
I/O
SNS1
45
Vss or open
To CS0
Sense pin
I/O
SNS0K
44
Open
To CS0 + Key
Sense pin
I/O
SNS0
43
-
-
Unused
-
n/c
42
-
-
Unused
-
n/c
41
-
-
Unused
-
n/c
40
-
-
Unused
-
n/c
39
Open
-
Resonator
O
OSC2
38
-
12MHz - Can also be ext clock in
Resonator
I
OSC1
37
-
+3.3 ~ +5V
Power
Pwr
Vdd
36
Vdd
Active low
Reset input
I
RST
35
Open
-
LED & Status
O
LED/STAT
34
20K ~ 220K to Vdd
Always use pull-up R
Sync in
I/O
SYNC
33
-
To Vss
Comms select
I
CMODE
32
Vss
See Table 2.1
Scanport in
I
SCANI_0
31
Vss
See Table 2.1
Scanport in
I
SCANI_1
30
Vss
See Table 2.1
Scanport in
I
SCANI_2
29
Open
See Table 2.1
Scanport out
O
SCANO_3
28
Open
See Table 2.1
Scanport out
O
SCANO_2
27
Open
See Table 2.1
Scanport out
O
SCANO_1
26
Open
See Table 2.1
Scanport out
O
SCANO_0
25
-
EEPROM chip select
EEPROM
O
CSEE
24
-
Leave open
Handshake
I/O, OD
CRDY
23
-
To Vdd
UART, Wakeup
I
RX/WAKE
22
-
To Vss
UART
OD
TX
21
-
Data in from EEPROM
EEPROM
I
DIEE
20
-
Data out to EEPROM
EEPROM
O
DOEE
19
-
Clock to EEPROM
EEPROM
O
CKEE
18
-
0V
Ground
Pwr
Vss
17
Vss or open
To CS9 + Key
Sense pin
I/O
SNS9K
16
Open
To CS9
Sense pin
I/O
SNS9
15
Vss or open
To CS8 + Key
Sense pin
I/O
SNS8K
14
Open
To CS8
Sense pin
I/O
SNS8
13
-
-
Unused
-
n/c
12
-
-
Unused
-
n/c
11
Vss or open
To CS7 + Key
Sense pin
I/O
SNS7K
10
Open
To CS7
Sense pin
I/O
SNS7
9
Vss or open
To CS6 + Key
Sense pin
I/O
SNS6K
8
Open
To CS6
Sense pin
I/O
SNS6
7
Vss or open
To CS5 + Key
Sense pin
I/O
SNS5K
6
Open
To CS5
Sense pin
I/O
SNS5
5
Vss or open
To CS4 + Key
Sense pin
I/O
SNS4K
4
Open
To CS4
Sense pin
I/O
SNS4
3
Vss or open
To CS3 + Key
Sense pin
I/O
SNS3K
2
Open
To CS3
Sense pin
I/O
SNS3
1
If Unused
Notes
Function
Type
Name
Pin
I
CMOS input
I/O
CMOS I/O
O
CMOS output (push-pull)
OD
CMOS open drain I/O
Pwr
Power / ground
LQ
5
Copyright © 2003-2005 QRG Ltd
QT1100A-ISG R3.02/1105


Similar Part No. - QT1100A-ISG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1100A-ISG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com