Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT300-D Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT300-D
Description  CAPACITANCE TO DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT300-D Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT300-D Datasheet HTML 4Page - Quantum Research Group QT300-D Datasheet HTML 5Page - Quantum Research Group QT300-D Datasheet HTML 6Page - Quantum Research Group QT300-D Datasheet HTML 7Page - Quantum Research Group QT300-D Datasheet HTML 8Page - Quantum Research Group QT300-D Datasheet HTML 9Page - Quantum Research Group QT300-D Datasheet HTML 10Page - Quantum Research Group QT300-D Datasheet HTML 11Page - Quantum Research Group QT300-D Datasheet HTML 12Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7 Electrical specifications
7.1 ABSOLUTE MAXIMUM SPECIFICATIONS
Operating temp................................................................................ as designated by suffix
Storage temp....................................................................................... -65OC to +125OC
VDD...................................................................................................... -0.5 to +6V
Max continuous pin current, any control or drive pin.............................................................. ±40mA
Short circuit duration to ground, any pin......................................................................... infinite
Short circuit duration to VDD, any pin............................................................................ infinite
Voltage forced onto any pin.................................................................... -1V to (Vdd + 0.5) Volts
7.2 RECOMMENDED OPERATING CONDITIONS
VDD........................................................................................................ +2 to 5V
VDD min required to reprogram eeprom Setups................................................................... +2.2V
Short-term supply ripple+noise.................................................................................. ±5mV
Long-term supply stability.................................................................................... ±100mV
Cs value................................................................................................. 1 to 500nF
Cx value.................................................................................................. 0 to 100pF
7.3 AC SPECIFICATIONS
Vdd = 3.0, Ta = recommended operating range, Cs=100nF unless noted
0.51
Burst constant
K
µs
30
Request pulse
TRQP
Cs = 4.7nF to 200nF; Cx = 0
ms
25
0.5
Burst length
TBL
ns
830
Charge/transfer duration
TPC
Notes
Units
Max
Typ
Min
Description
Parameter
7.4 DC specifications
Vdd = 3.0V, Cs = 10nF, Cx = 5pF, Ta = recommended range, unless otherwise noted
Combined for both SNS pins
pF
11
Internal pin capacitance
CSNS
Figs 7-4, 7-5
fF
7
1,000
Resolution per bit
S
bits
16
Acquisition resolution
AR
V
Vdd-0.6
High output voltage
VOH
V
0.4
Low output voltage
VOL
Vdd = 2.5 to 5.0V
V
0.6 Vdd
Input high voltage
VIH
Vdd = 2.5 to 5.0V
V
0.3 Vdd
Input low voltage
VIL
Dependent on duty cycle
µA
1,500
60
Supply current
IDD
V
5.5
2
Supply voltage
VDD
Notes
Units
Max
Typ
Min
Description
Parameter
LQ
8
QT300 R1.02/0204


Similar Part No. - QT300-D

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300-D QUANTUM-QT300-D Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
More results

Similar Description - QT300-D

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com