Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT111-I Datasheet(PDF) 5 Page - Quantum Research Group

Part # QT111-I
Description  QT 11x Series Variations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT111-I Datasheet(HTML) 5 Page - Quantum Research Group

  QT111-I Datasheet HTML 1Page - Quantum Research Group QT111-I Datasheet HTML 2Page - Quantum Research Group QT111-I Datasheet HTML 3Page - Quantum Research Group QT111-I Datasheet HTML 4Page - Quantum Research Group QT111-I Datasheet HTML 5Page - Quantum Research Group QT111-I Datasheet HTML 6Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.5 DC SPECIFICATIONS VDD = 3.0V, CS = 10NF, CX = 10PF, TA = RECOMMENDED RANGE
Typical, see figs 1, 2; Note 1, 2
fF
28
-
1,000
Sensitivity range
S
Cs = 10nF to 100nF
µA
700
Supply current, slave mode
IDD
Cs = 10nF to 100nF
µA
60
Supply current, master mode
IDD
Notes
Units
Max
Typ
Min
Description
Parameter
Note 1: All percentage thresholds have been eliminated and replaced with a fixed threshold w.r.t. reference level
Note 2: Sensitivity depends on value of Cx and Cs. Refer to Charts 1, 2.
Piezo Driver Note
The piezo acoustic driver has been removed, as the duration required to operate the beeper would interfere with
the sensing interval and slow down the device.
Sensitivity Adjustment Note
The device has a fixed threshold point of 6 counts of deviation. Gain pin adjustment (pin 5) has been eliminated
and replaced with a strap option for Master / Slave mode:
Gnd
Slave
Vdd
Master
Tie Pin 5 to:
Mode
Table 1-1 Master/Slave Strap Options
The sensitivity of the circuit is governed by the relative sizes of Cs and Cx. A detection is made if the signal rises
by 6 counts from the reference level; this amount, unlike the QT110, is not ratiometric to the signal level and
therefore the sensitivity can be altered by simply changing Cs. To provide a consistent level of sensitivity, only
stable types of capacitors are recommended for Cs, such as NPO, C0G, PPS film, and certain types of
polycarbonate when used over normal room temperature ranges.
Larger values of Cs will make the sensor more sensitive, while larger amounts of Cx will desensitize it (see
Charts 1, 2). Minimizing stray Cx is crucial if high levels of sensitivity are desired. By using values of Cs around
0.47uF (470nF), proximity distances of several centimeters can easily be obtained from small electrodes.
NOTE: It is extremely important to maintain stable levels of Vdd, as the supply is used as a
reference. Minor fluctuations in Vdd WILL cause false triggers or rapid swings in gain. DO NOT use
bench power supplies or supply circuits shared with other digital functions. Ordinary 78L05 class
regulators are fine in almost all cases. The QT115 is an extremely sensitive device... do not take
power supply issues lightly.
Pin Functions
The QT115 pins are defined as shown:
Ground, 0V
Gnd
8
QT Sense pin 2
SNS2
7
QT Sense pin 1
SNS1
6
Vdd = Master mode, Gnd = Slave mode (strap option)
Master/Slave select
5
>10us, <50us negative pulse input to trigger in slave mode
In Master Mode: Connect to either Gnd or Vcc.
Sync Pulse In (slave mode only)
4
20us nominal negative sync pulse
Sync Pulse Out (master or slave mode)
3
Active-low output
Out
2
Power, +3V to +5V
Vdd
1
Description
Function
PIN
Table 2-1 QT115 Pin Functions
Quantum Research Group Ltd.
4 August 2004
QT113 QProx™ 8-pin Sensor
© 1999 QRG Ltd.


Similar Part No. - QT111-I

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - QT111-I

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-HHCS RALSTON-QTHA-HHCS Datasheet
530Kb / 1P
   Tee - male QT run x male QT run x female QT branch, S.S.
logo
PHOENIX CONTACT
3204049 PHOENIX-3204049 Datasheet
138Kb / 4P
   QT 1,5 BU
logo
Quantum Research Group
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
logo
ATMEL Corporation
QTAN0016 ATMEL-QTAN0016 Datasheet
75Kb / 4P
   Diagnostic Modes for QT ICs
logo
Yamaichi Electronics Co...
FKC1 YAMAICHI-FKC1 Datasheet
109Kb / 2P
   Plastic Hood Variations
logo
Rohm
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
logo
QT-Brightek Corp.
QBLP600-RGB5 QTB-QBLP600-RGB5 Datasheet
886Kb / 12P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 1.0
logo
ATMEL Corporation
QTAN0015 ATMEL-QTAN0015 Datasheet
73Kb / 4P
   Power Supply Considerations for QT ICs
logo
QT-Brightek Corp.
QBLP600-RGB5-3164 QTB-QBLP600-RGB5-3164 Datasheet
893Kb / 12P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 1.0
QBLP600-RIB QTB-QBLP600-RIB Datasheet
751Kb / 10P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com