Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT112 Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT112
Description  QT 11x Series Variations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT112 Datasheet(HTML) 3 Page - Quantum Research Group

  QT112 Datasheet HTML 1Page - Quantum Research Group QT112 Datasheet HTML 2Page - Quantum Research Group QT112 Datasheet HTML 3Page - Quantum Research Group QT112 Datasheet HTML 4Page - Quantum Research Group QT112 Datasheet HTML 5Page - Quantum Research Group QT112 Datasheet HTML 6Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QT112-I / QT112H-I QProx™ 8-pin Sensor
See QT110 datasheet for primary information. This sheet only lists differences with the QT110.
This part is only available in -I suffix (-40..+85C)
Description
The QT112 is a variant of the QT110 having a faster response time of 49ms worst case, and 25ms typical. It is
designed for those touch sensing applications where faster speed is paramount, for example in games and toys
where rapid reaction time is critical, or in machine tool controls where speed is important. It trades off power
consumption for speed. Also, note that the device has a consensus filter count 2 instead of 4, and does not have
an acoustic driver for a piezo 'beeper'.
Differences with the QT110
The QT112 sensor is exactly the same in all respects to the QT110 with the following exceptions (refer to Tables
4.3, 4.4, and 4.5 in the QT110 datasheet):
4.3 AC SPECIFICATIONS Vdd = 3.0, Ta = recommended operating range
ms
49
Response time
TR
ms
24
Burst spacing interval
TBS
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 SIGNAL PROCESSING
ms/level
24
Negative drift compensation rate
ms/level
1,250
Positive drift compensation rate
samples
2
Consensus filter length
Notes
Units
Max
Typ
Min
Description
4.5 DC SPECIFICATIONS
Vdd = 3.0V, Cs = 10nF, Cx = 5pF, Ta = recommended range, unless otherwise noted
µA
60
Supply current
IDD
Notes
Units
Max
Typ
Min
Description
Parameter
Piezo Driver Note:
The piezo acoustic driver has been removed, as the duration required to operate the
beeper would interfere with the sensing interval and slow down the device.
QT112H Version
The QT112H version is the same as the QT112 except with an active-high output.
All other operating modes, specifications, and wiring should be taken from the QT110 data sheet.
Package Marking - QT112-I
DIP Package: DIP devices are marked 'QT112'
SO8 Package: Marked 'QT1 2I'
Package Marking - QT112H-I
DIP Package: DIP devices are marked 'QT112H'
SO8 Package: Marked 'QT1 M'
Quantum Research Group Ltd.
4 August 2004
QT112 QProx™ 8-pin Sensor
© 1999 QRG Ltd.


Similar Part No. - QT112

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT112

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-HHCS RALSTON-QTHA-HHCS Datasheet
530Kb / 1P
   Tee - male QT run x male QT run x female QT branch, S.S.
logo
PHOENIX CONTACT
3204049 PHOENIX-3204049 Datasheet
138Kb / 4P
   QT 1,5 BU
logo
Quantum Research Group
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
logo
ATMEL Corporation
QTAN0016 ATMEL-QTAN0016 Datasheet
75Kb / 4P
   Diagnostic Modes for QT ICs
logo
Yamaichi Electronics Co...
FKC1 YAMAICHI-FKC1 Datasheet
109Kb / 2P
   Plastic Hood Variations
logo
Rohm
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
logo
QT-Brightek Corp.
QBLP600-RGB5 QTB-QBLP600-RGB5 Datasheet
886Kb / 12P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 1.0
logo
ATMEL Corporation
QTAN0015 ATMEL-QTAN0015 Datasheet
73Kb / 4P
   Power Supply Considerations for QT ICs
logo
QT-Brightek Corp.
QBLP600-RGB5-3164 QTB-QBLP600-RGB5-3164 Datasheet
893Kb / 12P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 1.0
QBLP600-RIB QTB-QBLP600-RIB Datasheet
751Kb / 10P
   QT-Brightek Chip LED Series SMD 0606 RGB LED
Version 2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com