Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L101112TS02B Datasheet(PDF) 3 Page - ITT Industries

Part # L101112TS02B
Description  Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

L101112TS02B Datasheet(HTML) 3 Page - ITT Industries

  L101112TS02B Datasheet HTML 1Page - ITT Industries L101112TS02B Datasheet HTML 2Page - ITT Industries L101112TS02B Datasheet HTML 3Page - ITT Industries L101112TS02B Datasheet HTML 4Page - ITT Industries L101112TS02B Datasheet HTML 5Page - ITT Industries L101112TS02B Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K L Series
Miniature Slide Switches
DETENT
MOUNTING STYLE
.215
(5,46)
.100 TYP
(2,54)
.335
(8,51)
.550
(13,97)
.200
(5,08)
.800
(20,32)
.256
(6,50)
.125
(3,16)
.130
(3,30)
TRAVEL
.100
(2,54)
.181 TYP
(4,60)
.412
(10,46)
.272
(6,91)
.425
(10,80)
.941
(23,90)
.125
(3,18)
.160 TYP
(4,06)
TRAVEL
.200
(5,08)
.200
(5,08)
.358
(9,09)
.225
(5,08)
.181 TYP
(4,60)
.226
(5,74)
.070 TYP
(1,78)
MA
RIGHT ANGLE, PC THRU-HOLE
2
WITHOUT DETENT
1
WITH DETENT
MS
PC THRU-HOLE, 2 POSITION MODELS
L203011MS02Q
DP3T
L202021MA04Q
Horizontal Actuation
DPDT
Standard with all maintained models: L101, L102, L103, L104, L113, L201, L202, L203 and L204.
Standard with all momentary models: L112, L123, and L212.
AVAILABLE WITH:
Models: L101, L102, L112, L103, L113 L123,
L201, L202, L203, L104 and L204
Terminations: 02, 06, 10 and 12
Actuators: 01, 02, 03, 05, 11 and 12
PC MOUNTING
For mounting information, see
TERMINATIONS section, page J-21.
Splash caps are available separately
and reusable, see page J-23.
AVAILABLE WITH:
Models:
L201, L202, L113 and L123
Terminations: 04
Actuators: 02 and 12
PC MOUNTING
For mounting information, see
TERMINATIONS section, page J-21.
Splash caps are available separately
and reusable, see page J-23.
.425
(10,79)
.760
(19,30)
.150 TRAVEL
(3,81)
.125 TYP
(3,18)
.200
(5,08)
.200
(5,08)
.070 TYP
(1,78)
.221 TYP
(5,61)
.181 TYP
(4,60)
.288
(7,32)
.050 X .020 TYP
(1,27) X (0,51)
.225 TYP
(5,71)
TERMINAL NOS. FOR
REFERENCE ONLY
6
5
4
3
2
1 .181 TYP
(4,60)
.065 DIA
(1,65) TYP
.225 TYP
(5,70)
.400
(10,16)
0.941
(23,90)
.335
(8,51)
.412
(10,46)
.100 TYP
(2,54)
4
3
2
1
0.125
(3,18)
.200
(5,08)
.140
(4,06)
TRAVEL
.215
(5,46)
.256
(6,50)
.100 TYP
(2,54)
.181 TYP
(4,60)
4
3
2
1
TERM. NOS. FOR
REFERENCE ONLY
.425
(10,79)
1.122
(28,50)
.170 TRAVEL
(4,32) TYP
.200
(5,08)
.070 TYP
(1,78)
.050 TYP
(1,27)
.181 TYP
(4,60)
.288
(7,32)
.050 X .020 TYP
(1,27) X (0,51)
.225 TYP
(5,71)
TERMINAL NOS. FOR
REFERENCE ONLY
5
4
3
2
1 .181 TYP
(4,60)
.065 DIA
(1,65) TYP
.225 TYP
(5,70)
.232 TYP
(5,89)
10
9
8
7
6
RIGHT ANGLE, PC, SP-3 POSITION MODELS
PC THRU HOLE, 4 POSITION MODELS
PC THRU-HOLE, 3 POSITION MODELS


Similar Part No. - L101112TS02B

ManufacturerPart #DatasheetDescription
logo
C&K Components
L101 CK-COMPONENTS-L101 Datasheet
329Kb / 6P
   Miniature Slide Switches
L101 CK-COMPONENTS-L101 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Gilway Technical Lamp
L1010 GILWAY-L1010 Datasheet
52Kb / 1P
   Precision Half Spherical Lamps
logo
Hamamatsu Corporation
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
logo
3M Electronics
L1015 3M-L1015 Datasheet
344Kb / 5P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
More results

Similar Description - L101112TS02B

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com