Electronic Components Datasheet Search |
|
RMDM-10P10PS1M-A30 Datasheet(PDF) 6 Page - ITT Industries |
|
RMDM-10P10PS1M-A30 Datasheet(HTML) 6 Page - ITT Industries |
6 / 8 page Micro-D Metal Shell - .050" Contact Spacing MDM Mounting Hardware Views (for sizes 9-51) 12 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Screw Lock Assembly 90˚ Angle Mounting Bracket Screw Lock Assembly* *NOTE Torque value is 2.5 in/lbs max. Jackpost - (P) 90˚ Angle Mounting Bracket This hardware supplied unassembled. .052 (1.32) TYP. .260 (6.60) MAX. #2-56 UNC-2B THD B .178 ± .005 (4.52 ± 0.13) .096 ± .005 (2.44 ± 0.13)DIA. .093 (2.36) RECOMMENDED PANEL THICKNESS BUSHING .182 (4.62) MAX. .688 (17.48) MAX. .408 (10.36) MAX. RETAINING CLIP LOCK SCREW MATING FACE CONNECTOR SHOWN FOR REF. ONLY #2-56 UNC-2B .185 (4.70) MAX. .500 (12.7) MAX. PANEL REF. .232 (5.89) MAX. #2-56 UNC-2A .170 (4.32) MAX. A Description Screw Lock Assembly Jackpost kit Mounting Bracket 90˚ MDM for 9 thru 37 Shell Sizes Mounting Bracket 90˚ MDM for 51 Shell Size NOTES: Screw lock assembly (322-9500-000) can be used for front mounting only. Jackpost kit (320-9505-000) consists of two assmblies, shipped unassmbled. 322-9500-000 320-9505-000 015-9516-002 015-9516-003 .147 (3.73) .169 (4.29) .308 (7.82) .350 (8.89) N/A N/A Part Number A +/-.005 (±0.13) B Max. Jackpost Bushing (for rear panel mounting-for sizes 9-51) 3/32 (2.4) 1/16 (1.6) 3/64 (1.2) 1/32 (0.8) *A kit consists of 2 jackpost, 2 nuts, 2 washers. .087 (2.21) .056 (1.42) .042 (1.07) .025 (0.64) 320-9505-007 320-9505-006 320-9505-005 320-9505-004 Panel A Thickness Jackpost Kit Number* 9 15 21 25 31 37 51 .401 (10.19) .551 (14.00) .701 (17.81) .801 (20.34) .951 (24.16) 1.101 (27.97) 1.051 (26.70) .252 (6.40) .252 (6.40) .252 (6.40) .252 (6.40) .252 (6.40) .252 (6.40) .295 (7.49) .565 (14.35) .715 (18.16) .865 (21.97) .965 (24.51) 1.115 (28.34) 1.265 (32.13) 1.215 (30.86) Shell Size Plug and Receptacle Dimensions Jackpost diameter within the "A" dimension is .124/.120 (3.15/3.05). HEX IS .135 (3.43)/.115 (2.92) ACROSS FLATS #2-56 UNC-2B THD MATING FACE .170 (4.32) .185 (4.70) A .500 (12.7) .480 (12.19) #2-56 UNC 2A THD .126 (3.20) .125 (3.18) DIA. TYP .105 (2.67) .100 (2.54) R TYP. 27˚ 26˚ TYP A C B A +.004 (0.10) -.000 (0.00) B +.004 (0.10) -.000 (0.00) C + _.005 (0.13) A +.005 (0.13) -.000 (0.00) |
Similar Part No. - RMDM-10P10PS1M-A30 |
|
Similar Description - RMDM-10P10PS1M-A30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |