Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDM-10P10PS1M-A30 Datasheet(PDF) 3 Page - ITT Industries

Part # RMDM-10P10PS1M-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-10P10PS1M-A30 Datasheet(HTML) 3 Page - ITT Industries

  RMDM-10P10PS1M-A30 Datasheet HTML 1Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 2Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 3Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 4Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 5Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 6Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 7Page - ITT Industries RMDM-10P10PS1M-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MDM
COTS or Non Mil-Spec or Commercial or Industrial Standard Wire Termination Codes
9
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Harness Type (H)
Solid Uninsulated Type (L)
Length
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
* Cavity #1 black
H020
H019
H026
H029
H028
H001
H038
H009
H010
H011
H013
H017
H042
H027
H016
H034
H025
H002
H003
H023
H004
H005
H006
H048
H046
H041
L61
L56
L57
L39
L58
L1
L14
L2
L7
L6
L16
L10
.125 (3.18)
.150 (3.81)
.190 (4.83)
.250 (6.35)
.375 (9.52)
.500 (12.70)
.750 (19.05)
1.000 (25.40)
1.500 (38.10)
2.000 (50.80)
2.500 (63.50)
3.000 (76.20)
#26 AWG per MIL-W-16878/4, 7/34 strand, type E Teflon, stranded.
#25 AWG gold plated copper
All Yellow
Color Coded*
Termination Code
Length
The following termination codes are listed for your information. For additional codes please refer
to Appendix on page 79 and 81. All wire lengths are minimum.
Cannon Modification Code (Not MS)
Contact Arrangements
(Face View of Pin insert - Use Reverse Order for Socket Side)
Standard
9 Contacts
1
2
3
4
5
1
2
3
4
5
6
7
8
1
2 3
4
5
6
7 8 9 10 11
1
2 3
4
5
6
7 8 9 10 11 12 13 14 15 16 17 18 19
1
2 3
4
5
6
7 8 9 10 11 12 13 14 15 16
1
2 3
4
5
6
7 8 9 10 11 12 13
1
2 3
4
5
6
7 8 9 10 11 12 13 14 15 16 17 18
1
2 3
4 5
6
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
A1
A1
A2
A3
A4
12
3
4
5
6
7
8
9 10 11 12 13
14 15 16 17 18 19 20
A2
12
3
45
36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
14 15 16 17 18 19 20 21 22 23 24 25
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
9
10 11 12 13 14 15
12 13 14 15 16 17 18 19 20 21
6
7
8
9
15 Contacts
21 Contacts
37 Contacts
31 Contacts
25 Contacts
51 Contacts
Coaxial
Size 51 Shell
20 Micro contacts
4 Coax or 4 Power
(Not MS)
Size 25 Shell
5 Micro contact
2 Coax or 2 Power
.320
(8.13)
A2
A1
A3
A4
A5
56
7
910
11
8
23
4
1
Size 51 Shell
11 Micro contact
5 Coax or 5 Power
.714 (18.14)
.460 (11.68)
.007
(0.18)
.043
(1.09)
100 Contacts
Contact identification numbers are for reference only and do not appear on insulator or connector body.
.103
.025
(0.64)
TYP.
.050
(1.27)
TYP.
Size 100 Shell
0 Micro contact
10 Coax or 10 Power
A2
A1
A3
A4
A5
A7
A6
A8
A9
A10


Similar Part No. - RMDM-10P10PS1M-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-10P10PS1M-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com