Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M366S1654CTS-C7A Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M366S1654CTS-C7A
Description  16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S1654CTS-C7A Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M366S1654CTS-C7A Datasheet HTML 3Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 4Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 5Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 6Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 7Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 8Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 9Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 10Page - Samsung semiconductor M366S1654CTS-C7A Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M366S1654CTS
PC133/PC100 Unbuffered DIMM
Rev. 0.1 Sept. 2001
PACKAGE DIMENSIONS
0.250
(6.350)
Detail A
0.123
± 0.005
(3.125
± 0.125)
0.250
(6.350)
Detail B
0.123
± 0.005
(3.125
± 0.125)
0.079
± 0.004
(2.000
± 0.100)
0.079
± 0.004
(2.000
± 0.100)
Tolerances :
± .005(.13) unless otherwise specified
The used device is 16Mx16 SDRAM, TSOP
SDRAM Part No. : K4S561632C
0.050
0.039
± 0.002
0.008
±0.006
(0.200
±0.150)
(1.000
± 0.050)
(1.270)
Detail C
0.100 Max
0.050
± 0.0039
(1.270
± 0.10)
(2.54 Max)
5.250
5.014
Units : Inches (Millimeters)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
.118DIA
± 0.004
(3.000DIA
± 0.100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
± 0.004
(4.000
± 0.100)
(127.350)
(133.350)
0.118
(3.000)


Similar Part No. - M366S1654CTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1654ETS-C7A SAMSUNG-M366S1654ETS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S1654HUS SAMSUNG-M366S1654HUS Datasheet
153Kb / 8P
   SDRAM Product Guide
M366S1654JUS SAMSUNG-M366S1654JUS Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M366S1654CTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253CTS SAMSUNG-M366S3253CTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S1724DTS SAMSUNG-M464S1724DTS Datasheet
87Kb / 11P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com