Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1367 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1367
Description  Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1367 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1367 Datasheet HTML 1Page - Maxim Integrated Products MAX1367 Datasheet HTML 2Page - Maxim Integrated Products MAX1367 Datasheet HTML 3Page - Maxim Integrated Products MAX1367 Datasheet HTML 4Page - Maxim Integrated Products MAX1367 Datasheet HTML 5Page - Maxim Integrated Products MAX1367 Datasheet HTML 6Page - Maxim Integrated Products MAX1367 Datasheet HTML 7Page - Maxim Integrated Products MAX1367 Datasheet HTML 8Page - Maxim Integrated Products MAX1367 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Stand-Alone, 4.5-/3.5-Digit Panel Meters
with 4–20mA Output
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = DAC_VDD = +2.7V to +5.25V, GND = 0, VLEDV = +2.7V to +5.25V, LEDG = 0, VREF+ - VREF- = 2.048V (external
reference), 4-20OUT = 7V, VREG_AMP = +5.0V, CREF+ = 0.1µF, REF- = GND, CNEGV = 0.1µF. Internal clock mode, unless otherwise
noted. All specifications are at TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC OUTPUT ACCURACY
Zero-Scale Error
4–20mA or 0 to 16mA mode, TA = +25°C
±50
µA
Zero-Scale Error Tempco
±40
ppmFS/
°C
Gain Error
4–20mA or 0 to 16mA mode, TA = +25°C
±0.5
%FS
Gain-Error Tempco
±25
ppmFS/
°C
Span Linearity
±2
±4µA
Power-Supply Rejection
PSR
VEXT = 7V to 30V
4
µA/V
Signal Path Noise
10pF to GND on 4-20OUT
2.0
µARMS
4–20mA Current Limit
Limited to 12.5 x VREF / 1.28k
20
mA
Note 1: Integral nonlinearity is the deviation of the analog value at any code from its theoretical value after nulling the gain error and
offset error.
Note 2: Offset calibrated.
Note 3: Offset nulled.
Note 4: Drift error is eliminated by recalibration at the new temperature.
Note 5: The input voltage range for the analog inputs is given with respect to the voltage on the negative input of the differential pair.
Note 6: VAIN+ or VAIN- = -2.2V to +2.2V. VREF+ or VREF- = -2.2V to +2.2V. All input structures are identical. Production tested on
AIN+ and REF+ only. VREF+ must always be greater than VREF-.
Note 7: Power-supply currents are measured with all digital inputs at either GND or DVDD.
Note 8: Measured at DC by changing the power-supply voltage from 2.7V to 5.25V and measuring the effect on the conversion error
with external reference. PSRR at 50Hz and 60Hz exceeds 120dB with filter notches at 50Hz and 60Hz (Figure 1).
Note 9: LED drivers are disabled.


Similar Part No. - MAX1367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136 Datasheet
172Kb / 4P
   Low Power, 3?밆igit A/D Converter With Display Hold
MAX136 MAXIM-MAX136 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361EUB MAXIM-MAX1361EUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
More results

Similar Description - MAX1367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
Murata Power Solutions ...
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
   4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
DMS-40PC-4 MURATA-PS-DMS-40PC-4 Datasheet
278Kb / 6P
   4쩍 Digit, 4-20mA Input, LED Display Meters
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
NXP Semiconductors
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
   Stand-alone OSD
1995 Mar 30
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
   Stand Alone Inclinometer
logo
NXP Semiconductors
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
   Stand-alone OSD
1995 Jan 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com