Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC411J70SHLFG Datasheet(PDF) 2 Page - ITT Industries

Part # KSC411J70SHLFG
Description  Sealed Tact Switch for SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC411J70SHLFG Datasheet(HTML) 2 Page - ITT Industries

  KSC411J70SHLFG Datasheet HTML 1Page - ITT Industries KSC411J70SHLFG Datasheet HTML 2Page - ITT Industries KSC411J70SHLFG Datasheet HTML 3Page - ITT Industries KSC411J70SHLFG Datasheet HTML 4Page - ITT Industries KSC411J70SHLFG Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ittcannon.com
B–18
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
6,2
(.244)
ø3,28
(.129)
6,8
(.268)
ø2,6
(.102)
ø2,8
(.110)
ø4,7
(.185)
ø3,0
(.118)
ACTUATOR
KSC4 SOFT, 5,2 mm HIGH
KSC6 HARD, 7,7 mm HIGH
KSC1 WITHOUT, 2.5 mm HIGH
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm HIGH
KSC3 HARD, 3,5 mm HIGH
2,9
(.114)
KSC4 KSC421V ONLY
NOTE: KSC4 standard silicone
material is 70 shore, the only
exception is KSC401J which is
50 shore.
KSC6 KSC621V ONLY
7,4
6,25±0,25
4,52
5,8
7,4
(.291)
(.246±,010)
(.178)
(.228)
(.291)
NOTE: KSC421V requires metalized holds for simultaneous reflow soldering of switch
terminals and bracket terminals.
NOTE: KSC621V requires metalized holds for simultaneous reflow soldering of switch
terminals and bracket terminals.
1,5
6,47
5,1
1,6±0,1
2,5 ±0,15
7,6 ±0,25
(.200)
(.255)
(.059)
(.063±.004)
(.098±.006)
(.299±.010)
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change


Similar Part No. - KSC411J70SHLFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC411J70SH CK-COMPONENTS-KSC411J70SH Datasheet
312Kb / 6P
   Positive tactile feeling
KSC411J70SH CK-COMPONENTS-KSC411J70SH Datasheet
312Kb / 6P
   Positive tactile feeling
KSC411J70SH CK-COMPONENTS-KSC411J70SH Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC411J70SHLFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC323G ETC2-KSC323G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com