Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8503-35P1T Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8503-35P1T
Description  250mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8503-35P1T Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8503-35P1T Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8503-35P1T Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.belling.com.cn
- 6-
8/8/2006
Total 12 Pages
BL8503
Typical Performance Characteristics
Output Voltage VS Output Current(Vout=1.5V)
1
1.1
1.2
1.3
1.4
1.5
1.6
0
50
100
150
200
250
300
Output Voltage VS Output Current(Vout=3.0V)
2.8
2.85
2.9
2.95
3
3.05
0
50
100
150
200
250
300
1.Load regulation
2.Line Regulation
Line regulation
Vout=1.5V)
1.48
1.485
1.49
1.495
1.5
1.505
1.51
1
2
3
4
5
6
7
8
Line regulation (Vout=3.0V)
2.93
2.95
2.97
2.99
3.01
3.03
3.05
3.07
3
4
5
6
7
8
9
10
Dropout Voltage (Vout=3.0V)
2.96
2.97
2.98
2.99
3
3.01
3.02
3.03
3.04
3.05
3
3.2
3.4
3.6
3.8
4
3.Dropout Voltage
Dropout Voltage (Vout=1.5V)
1
1.1
1.2
1.3
1.4
1.5
1.6
1.5
1.8
2.1
2.4
2.7
3


Similar Part No. - BL8503-35P1T

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503-35P1T BELLING-BL8503-35P1T Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
More results

Similar Description - BL8503-35P1T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
   36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com