Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148-25 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9148-25
Description  Pentium/Pro System and Cyrix Clock Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-25 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9148-25 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-25 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
ICS9148-25
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP2B
1
VO = VDD*(0.5)
10
25
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
10
25
Output High Voltage
VOH2B
IOH = -13.0 mA
2
2.2
V
Output Low Voltage
VOL2B
IOL = 14 mA
0.3
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-25
-16
mA
Output Low Current
IOL2B
VOL = 0.7 V
22
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.35
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.2
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
50
55
ns
Skew
tsk2B
1
VT = 1.25 V
60
250
ps
tjcyc-cyc2B
1
VT = 1.25 V
150
250
ps
Jitter
tj1s2B
1
VT = 1.25 V
30
150
ps
tjabs2B
1
VT = 1.25 V
-250
80
+250
ps
1
Guarenteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Output High Voltage
VOH1
IOH = -11 mA
2.6
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.15
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-62
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
40
55
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
455060%
Skew
tsk1
1
VT = 1.5 V
200
500
ps
Jitter
tj1s1
1
VT = 1.5 V
10
150
ps
tjabs1
1
VT = 1.5 V
-250
65
250
ps
1Guarenteed by design, not 100% tested in production.


Similar Part No. - ICS9148-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Integrated Circuit Syst...
ICS9148-26 ICST-ICS9148-26 Datasheet
482Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results

Similar Description - ICS9148-25

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-22 ICST-ICS9147-22 Datasheet
253Kb / 7P
   Pentium-ProTM System and Cyrix??Clock Chip
ICS9147-12 ICST-ICS9147-12 Datasheet
497Kb / 9P
   Pentium/ProTM System and Cyrix??Clock Chip
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
   Pentium/Pro System Clock Chip
logo
Integrated Circuit Syst...
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
   Pentium/Pro/IITM System Clock Chip
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
   Pentium/Pro/IITM System Clock Chip
12/04/98
logo
Integrated Device Techn...
ICS9147-12 IDT-ICS9147-12 Datasheet
502Kb / 9P
   Pentium/ProTM System and Cyrix혲 Clock Chip
ICS9147-22 IDT-ICS9147-22 Datasheet
259Kb / 7P
   Pentium/ProTM System and Cyrix혲 Clock Chip
logo
Integrated Circuit Syst...
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com