Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3471W10-32BW Datasheet(PDF) 9 Page - ITT Industries

Part # MS3471W10-32BW
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3471W10-32BW Datasheet(HTML) 9 Page - ITT Industries

Back Button MS3471W10-32BW Datasheet HTML 2Page - ITT Industries MS3471W10-32BW Datasheet HTML 3Page - ITT Industries MS3471W10-32BW Datasheet HTML 4Page - ITT Industries MS3471W10-32BW Datasheet HTML 5Page - ITT Industries MS3471W10-32BW Datasheet HTML 6Page - ITT Industries MS3471W10-32BW Datasheet HTML 7Page - ITT Industries MS3471W10-32BW Datasheet HTML 8Page - ITT Industries MS3471W10-32BW Datasheet HTML 9Page - ITT Industries MS3471W10-32BW Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.ittcannon.com
165
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Protective Metal Caps
Contacts
Wire Hole Fillers
Plugs
SERIES PREFIX
PVS - ITT Cannon Prefix
MS - Complies with MIL-C-26482 (Series 2)
80 or 3180 - Plug Cap
81 or 3181 - Receptacle Cap
8 thru 24
C - Sash chain (MS approved)
N - Sash chain with ring (81 or3181 type only) MS approved
A - Hard anodic, non-conductive (MS approved)
G - Nickel, conductive (not MS) (PVS only)
NOTE: Usable on KPT/KPSE series also.
F
A
L
M
B
Q
R
N
.047
1,19mm)
Max.
.094
2,39mm)
Max.
.169 +_ .008 DIA.
(4.29 +
_ 0.20)
H +.500 (12.7)
-.250 (6.35)
H +.500 (12.7)
-.250 (6.35)
N style used primarily on Jam Nut Receptacle.
TYPE
SHELL SIZE
TERMINATION STYLE
FINISH
CHAIN LENGTH
PVS
MS
Shell
Size
8
10
12
14
16
18
20
22
24
Contact
Size
M39029
Number
Contact
Size
Alumel
Thermocouple Contacts
Contacts for printed circuit applications are also
available. Consult factory.
Chromal
Type
1st
Color Brands
2nd
3rd
ITT Cannon
20
20
16
16
12
12
Contact
Size
Cannon
Military
Superseded
Mil. Pt. No.
Color
Code
Part Number
20
16
12
225-0070-000
225-0071-000
225-0072-000
MS27488-20
MS27488-16
MS27488-12
Red
Blue
Yellow
MS3187-20
M83723/28-20
MS3187-16
M83723/28-16
MS3187-12
M83723/28-12
Socket
Pin
Socket
Pin
Socket
Pin
M39029/5-115
M39029/4-110
M39029/5-116
M39029/4-111
M39029/5-118
M39029/4-113
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Brown
Green
Black
Blue
Brown
Grey
Orange
031-9174-004
030-9173-006
031-9206-006
030-9205-007
031-9186-003
030-9185-003
20 Pin
20 Socket
030-1831-000
031-1013-000
030-1832-000
031-1014-000
.474 (12.04)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.96)
1.501 (38.13)
.486 (12.34)
.607 (15.42)
.766 (19.46)
.890 (22.60)
1.015 (25.78)
1.141 (28.98)
1.265 (32.13)
1.390 (35.31)
1.515 (38.48)
.719 (18.26)
.844 (21.44)
1.000 (25.40)
1.125 (28.58)
1.250 (31.75)
1.375 (34.93)
1.500 (38.10)
1.625 (41.26)
1.750 (44.45)
3.000 (76.20)
3.000 (76.20)
3.500 (76.20)
3.500 (88.90)
3.500 (88.90)
3.500 (88.90)
4.000 (101.60)
4.000 (101.60)
4.000 (101.60)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.625 (15.88)
.625 (15.88)
.658 (16.71)
.399 (10.13)
.399 (10.13)
.399 (10.13)
.399 (10.13)
.399 (10.13)
.399 (10.13)
.461 (11.71)
.461(11.71)
.494 (12.55)
.578 (14.68)
.703 (17.86)
.891 (22.63
1.016 (25.81)
1.141 (28.98)
1.266 (32.16)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
.734 (18.64)
.859 (21.82)
1.000 (25.40)
1.125 (28.58)
1.250 (31.75)
1.375 (34.93)
1.500 (38.10)
1.625 (41.26)
1.750 (44.45)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.602 (15.29)
A
Max. Dia.
B
Max.
F
Max. Dia.
L
Max.
M
Max.
N
Min. Dia.
Q
Max.
R
Max.
H
80
3180
-12
-12
C
C
A
A
CHAIN LENGTH
Receptacles


Similar Part No. - MS3471W10-32BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS3471W10-10AW-340 ETC-MS3471W10-10AW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3471W10-10AX-340 ETC-MS3471W10-10AX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3471W10-10AY-340 ETC-MS3471W10-10AY-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3471W10-10BW-340 ETC-MS3471W10-10BW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3471W10-10BX-340 ETC-MS3471W10-10BX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
More results

Similar Description - MS3471W10-32BW

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com