Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDM-9SL001M-A30 Datasheet(PDF) 6 Page - ITT Industries

Part # RMDM-9SL001M-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-9SL001M-A30 Datasheet(HTML) 6 Page - ITT Industries

  RMDM-9SL001M-A30 Datasheet HTML 1Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 2Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 3Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 4Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 5Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 6Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 7Page - ITT Industries RMDM-9SL001M-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MDM
Mounting Hardware Views (for sizes 9-51)
12
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Screw Lock Assembly
90˚ Angle Mounting
Bracket
Screw Lock Assembly*
*NOTE Torque value is 2.5 in/lbs max.
Jackpost - (P)
90˚ Angle Mounting Bracket
This hardware supplied unassembled.
.052
(1.32) TYP.
.260
(6.60) MAX.
#2-56
UNC-2B
THD
B
.178 ± .005
(4.52 ± 0.13)
.096 ± .005
(2.44 ± 0.13)DIA.
.093 (2.36)
RECOMMENDED
PANEL THICKNESS
BUSHING
.182 (4.62)
MAX.
.688 (17.48)
MAX.
.408 (10.36)
MAX.
RETAINING
CLIP
LOCK
SCREW
MATING
FACE
CONNECTOR
SHOWN FOR
REF. ONLY
#2-56 UNC-2B
.185 (4.70) MAX.
.500
(12.7)
MAX.
PANEL REF.
.232 (5.89) MAX.
#2-56 UNC-2A
.170
(4.32) MAX.
A
Description
Screw Lock Assembly
Jackpost kit
Mounting Bracket 90˚ MDM
for 9 thru 37 Shell Sizes
Mounting Bracket 90˚ MDM
for 51 Shell Size
NOTES: Screw lock assembly (322-9500-000) can be used for front mounting only. Jackpost kit
(320-9505-000) consists of two assmblies, shipped unassmbled.
322-9500-000
320-9505-000
015-9516-002
015-9516-003
.147 (3.73)
.169 (4.29)
.308 (7.82)
.350 (8.89)
N/A
N/A
Part Number
A
+/-.005 (±0.13)
B
Max.
Jackpost Bushing (for rear panel mounting-for sizes 9-51)
3/32 (2.4)
1/16 (1.6)
3/64 (1.2)
1/32 (0.8)
*A kit consists of 2 jackpost, 2 nuts, 2 washers.
.087 (2.21)
.056 (1.42)
.042 (1.07)
.025 (0.64)
320-9505-007
320-9505-006
320-9505-005
320-9505-004
Panel A
Thickness
Jackpost Kit
Number*
9
15
21
25
31
37
51
.401 (10.19)
.551 (14.00)
.701 (17.81)
.801 (20.34)
.951 (24.16)
1.101 (27.97)
1.051 (26.70)
.252 (6.40)
.252 (6.40)
.252 (6.40)
.252 (6.40)
.252 (6.40)
.252 (6.40)
.295 (7.49)
.565 (14.35)
.715 (18.16)
.865 (21.97)
.965 (24.51)
1.115 (28.34)
1.265 (32.13)
1.215 (30.86)
Shell
Size
Plug and Receptacle Dimensions
Jackpost diameter within the "A"
dimension is .124/.120 (3.15/3.05).
HEX IS .135 (3.43)/.115 (2.92) ACROSS FLATS
#2-56 UNC-2B THD
MATING FACE
.170 (4.32)
.185 (4.70)
A
.500 (12.7)
.480 (12.19)
#2-56 UNC
2A THD
.126 (3.20)
.125 (3.18)
DIA. TYP
.105 (2.67)
.100 (2.54)
R TYP.
27˚
26˚
TYP
A
C
B
A
+.004 (0.10)
-.000 (0.00)
B
+.004 (0.10)
-.000 (0.00)
C
+
_.005 (0.13)
A
+.005 (0.13)
-.000 (0.00)


Similar Part No. - RMDM-9SL001M-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-9SL001M-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com