Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT11S1SA3M34LFS Datasheet(PDF) 4 Page - ITT Industries

Part # KT11S1SA3M34LFS
Description  Right Angle Sealed Tact Switch for SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KT11S1SA3M34LFS Datasheet(HTML) 4 Page - ITT Industries

  KT11S1SA3M34LFS Datasheet HTML 1Page - ITT Industries KT11S1SA3M34LFS Datasheet HTML 2Page - ITT Industries KT11S1SA3M34LFS Datasheet HTML 3Page - ITT Industries KT11S1SA3M34LFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.ittcannon.com
B–27
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
ACTUATING FORCE
CONTACT PLATING
BUTTON
OPTION
CODE
MATERIAL
4
SILVER
5
GOLD
OPTION
CODE
FORCE
3
3 N (300 grams)
KT Series
Right Angle Sealed Tact Switch
02 PRESS FIT, Ø4 mm
03 SNAP FIT, HIGH TEMPERATURE, Ø8 mm
N
T
B
T
K
1
1
OPTION
BUTTON
CODE
COLOR
90
BLACK
80
IVORY
BUTTON TYPE
BUTTON COLOR
Button Color
ø5,08
(.200)
2,54
(.100)
BUTTON
To order buttons in bulk
MOUNTING BRACKET
PAD LAYOUT
AM & A3M MOUNTING BRACKET
PAD LAYOUT
A1M & A2M MOUNTING BRACKET
.195
(4,95)
.345
(8,76)
.148 TYP.
(3,76)
.067
(1,70)
SWITCH FACE
.030
(0,76)
.165 TYP.
(4,19)
.100
(2,54)
.230
(5,84)
.100
(2,54)
.195
(4,95)
.230
(5,84)
.345
(8,76)
.210
(5,33)
.110
(2,79)
.015
(0,38)
.067
(1,70)
.030
(0,76)
.148
(3,76)
.165
(4,19)
SWITCH FACE
Button Type


Similar Part No. - KT11S1SA3M34LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KT11SA1M34LFG CK-COMPONENTS-KT11SA1M34LFG Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11SA1M34LFS CK-COMPONENTS-KT11SA1M34LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11SA1M35LFG CK-COMPONENTS-KT11SA1M35LFG Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11SA1M35LFS CK-COMPONENTS-KT11SA1M35LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11SAM34LFG CK-COMPONENTS-KT11SAM34LFG Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
More results

Similar Description - KT11S1SA3M34LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KT11P2SA3M33 ITT-KT11P2SA3M33 Datasheet
113Kb / 4P
   Right Angle Sealed Tact Switch for SMT
logo
C&K Components
KT11P4SM34LFS CK-COMPONENTS-KT11P4SM34LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11SM34LFS CK-COMPONENTS-KT11SM34LFS Datasheet
249Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B1JM34LFS CK-COMPONENTS-KT11B1JM34LFS Datasheet
227Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com