Electronic Components Datasheet Search |
|
MS3474W18-32AW Datasheet(PDF) 10 Page - ITT Industries |
|
MS3474W18-32AW Datasheet(HTML) 10 Page - ITT Industries |
10 / 10 page www.ittcannon.com 166 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-26482, Series 2 Connectors PV Assembly Procedures STRIPPING AND CRIMPING 3/16" for #20 CONTACT 9/32" for #16 CONTACT 9/32" for #12 CONTACT Right Wrong CONTACT INSERTION OPENING COLORED END FOR INSERTION CONTACT EXTRACTION COMPLETION BROKEN CIRCLE BREAK 1. Strip wires according to contact size: 3/16" for #20 and 9/32"for #16 and#12. #20 contacts accommodate AWG wire sizes 20, 22, or 24; #16 accommodates 16, 18 or 20; and #12 accommodates 12 or 14. 4. Insert contact and wire into tool jaws. To crimp, squeeze handles together fully until ratchet release and allows handles to expand; otherwise, contact cannot be extracted from tool jaws. Maintain slight insertion pressure on wire while crimping contact to wire. 3. Slide back tool on wire shile holding thumb against wire at opening. Wire will slip into tool. NOTE: Socket contacts should be inserted partially into grommet by hand before using insertion tool. 6. Withdraw tool from rear of plug. To be sure that contact is locked, pull back lightly on wire. Then remove tool from wire and proceed with other contacts. 2. Push tool into rear of plug until it bottoms. At this point, tool releases tines on retaining clip so that contact can be extracted. 3. While maintaining slight insertion force on tool, firmly hold wire against serrated shoulder at center of tool and extract both wired contact and tool from plug. 4. Check face of plug or receptacle for proper contact installation. In socket inserts with a large number of contact, cavities are identified in a spiral pattern. A projecting line from the spiral indictates omission of a letter; a broken circle around a cavity indicates transition between capitals and lower case and double letters. 7. After all contacts are inserted, fill unwired cavities with sealing plugs (insert head last and leave end protruding for ease of removal), assemble backshell on rear of connector. 1. Remove backshell and slide back along wires to allow access. To extract a contact, use white end of CIET tool. Place wire into tool at large opening. Slide back tool on wire while holding thumb against wire at opening. Wire will slip into tool. 4. With tool pressed against shoulder of contact, starting at the center cavity, insert wired contact and tool into properly identified cavity at rear of plug with firm, even pressure. Do not use excessive pressure. 5. When contact bottoms, a slight click can be heard as tines of metal reataining clip snaps into place behind contact shoulder. 1. Remove backshell and put wired contacts thru cable clamp opening. 2. Used colored end of CIET tool for insertion. Place wire into tool at large opening. To facilitate contact insertion, a 6-in. min. free lenght of wire is recommended. 2. Insert wire into rear of contact. Wire insulation must butt against rear of contact. Wire must be visible thru inspection hole. 3. Use M22520/1-01 crimp tool with proper crimp locator M22520/ 1-02. The color code hand on the contact (red for #20, blue for #16 and yellow for #12) must match the color code of the locator and the insertion tool throughout the crimping and assembly operations. |
Similar Part No. - MS3474W18-32AW |
|
Similar Description - MS3474W18-32AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |