Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58051U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58051U
Description  ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58051U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58051U Datasheet HTML 1Page - Micrel Semiconductor SY58051U Datasheet HTML 2Page - Micrel Semiconductor SY58051U Datasheet HTML 3Page - Micrel Semiconductor SY58051U Datasheet HTML 4Page - Micrel Semiconductor SY58051U Datasheet HTML 5Page - Micrel Semiconductor SY58051U Datasheet HTML 6Page - Micrel Semiconductor SY58051U Datasheet HTML 7Page - Micrel Semiconductor SY58051U Datasheet HTML 8Page - Micrel Semiconductor SY58051U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Precision Edge®
SY58019U
Micrel, Inc.
M9999-051105
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC ) ...................... –0.5V to +4.0V
Input Voltage (VIN) ......................................... –0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Termination Current(3)
Source or Sink Current on VT pin ....................... ±100mA
Input Current
Source or Sink Current on IN, /IN pin ...................
±50mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature Range (TS ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ............... +2.375V to +2.625V
............................................................ +3.0V to +3.6V
Ambient Temperature Range (TA) ............. –40°C to +85°C
Package Thermal Resistance(4)
MLF™ (
θ
JA)
Still-Air ............................................................. 60
°C/W
MLF™ (
ψ
JB)
Junction-to-Board ............................................ 38
°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V
2.375
2.5
2.625
V
VCC = 3.3V
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC
55
70
mA
RDIFF_IN
Differential Input Resistance
80
100
120
(IN0-to-/IN0, IN1-to-/IN1)
RIN
Input Resistance
40
50
60
(IN0-to-VT0, /IN0-to-VT0,
IN1-to-VT1, /IN1-to-VT1)
VIH
Input HIGH Voltage
Note 6
VCC – 1.6
VCC
V
(IN0, /IN0, IN1, /IN1)
VIL
Input LOW Voltage
0
VIH – 0.1
V
(IN0, /IN0, IN1, /IN1)
VIN
Input Voltage Swing
See Figure 1a
100
1700
mV
(IN0, /IN0, IN1, /IN1)
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b
200
mV
|IN0, /IN0|, |IN1, /IN1|
VT IN
IN to VT
1.28
V
(IN0, /IN0, IN1, /IN1)
Notes:
1. Permanent device damage may occur if
“Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to
“Absolute Maximum Ratings” conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
ψ
JB uses
4-layer
θ
JA in still-air measurement, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIH (min) not lower than 1.2V.
DC ELECTRICAL CHARACTERISTICS(5)
TA = –40°C to +85°C, unless otherwise stated.


Similar Part No. - SY58051U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051U MICREL-SY58051U Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58051UMG MICREL-SY58051UMG Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58051UMG MICREL-SY58051UMG Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051UMGTR MICREL-SY58051UMGTR Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
More results

Similar Description - SY58051U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com