Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC01SCB02 Datasheet(PDF) 4 Page - ITT Industries

Part # VSC01SCB02
Description  19 Pin Connectors for Lighting Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VSC01SCB02 Datasheet(HTML) 4 Page - ITT Industries

  VSC01SCB02 Datasheet HTML 1Page - ITT Industries VSC01SCB02 Datasheet HTML 2Page - ITT Industries VSC01SCB02 Datasheet HTML 3Page - ITT Industries VSC01SCB02 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Veam Customer Support
Locations
AMERICAS
100 New Wood Road
Watertown, CT 06795
phone: 1.860.274.9681
fax: 1.860.274.4963
EUROPE
Germany
Postfach 1120, Cannonstrasse1
Weinstadt, 71365
phone: 49.7151.699.0
fax: 49.7151.699.217
Italy
Corso Europa 41/43
Lainate (MI),
Italy 20020
phone: 39.02938721
fax: 39.0293872300
UK
Jays Close, Viables Estate
Basingstoke, RG22 4BA
phone: 44.1256.311200
fax: 44.1256.323356
www.ittcannon.com
© 2006 ITT Corporation. “Engineered for life” and “Cannon” are registered trademarks
of ITT Corporation. Specification and other data are based on information available at
the time of printing, and are subject to change without notice.
VSC 06-August


Similar Part No. - VSC01SCB02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC040P03MS VBSEMI-VSC040P03MS Datasheet
501Kb / 9P
   P-Channel 30 V (D-S) MOSFET
VSC045N04MS VBSEMI-VSC045N04MS Datasheet
483Kb / 9P
   N-Channel 40 V (D-S) MOSFET
logo
Maxim Integrated Produc...
VSC050XKM-01 MAXIM-VSC050XKM-01 Datasheet
763Kb / 79P
   Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
logo
Vitesse Semiconductor C...
VSC055 VITESSE-VSC055 Datasheet
408Kb / 2P
   Enhanced I2C Backplane Controller
logo
Maxim Integrated Produc...
VSC056 MAXIM-VSC056 Datasheet
1Mb / 134P
   Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
More results

Similar Description - VSC01SCB02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
   lighting applications
logo
Marl International Limi...
LA1012 MARL-LA1012 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
logo
List of Unclassifed Man...
120:277-275VA ETC2-120:277-275VA Datasheet
755Kb / 1P
   Step-Up Autotransformers for Lighting Applications
480:347:277-125VA ETC2-480:347:277-125VA Datasheet
641Kb / 1P
   Step-Down Autotransformers for Lighting Applications
480-347-277-125VA ETC2-480-347-277-125VA Datasheet
433Kb / 1P
   Step Down Autotransformers for Lighting Applications
120-277-275 ETC2-120-277-275 Datasheet
229Kb / 1P
   Step Up Autotransformers for Lighting Applications
logo
Marl International Limi...
LA1012 MARL-LA1012_15 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Sanyo Semicon Device
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
   Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
   Inverter Lighting Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com