Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11NM60N Datasheet(PDF) 9 Page - STMicroelectronics

Part # P11NM60N
Description  N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P11NM60N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button P11NM60N Datasheet HTML 5Page - STMicroelectronics P11NM60N Datasheet HTML 6Page - STMicroelectronics P11NM60N Datasheet HTML 7Page - STMicroelectronics P11NM60N Datasheet HTML 8Page - STMicroelectronics P11NM60N Datasheet HTML 9Page - STMicroelectronics P11NM60N Datasheet HTML 10Page - STMicroelectronics P11NM60N Datasheet HTML 11Page - STMicroelectronics P11NM60N Datasheet HTML 12Page - STMicroelectronics P11NM60N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STD11NM60N - STD11NM60N-1 - STF11NM60N - STP11NM60N
Test circuit
9/17
3
Test circuit
Figure 17. Switching times test circuit for
resistive load
Figure 18. Gate charge test circuit
Figure 19. Test circuit for inductive load
switching and diode recovery times
Figure 20. Unclamped Inductive load test
circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform


Similar Part No. - P11NM60N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P11NM60N VBSEMI-P11NM60N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - P11NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1 Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com