Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4863-D16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L4863-D16-T
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863-D16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  L4863-D16-T Datasheet HTML 1Page - Unisonic Technologies L4863-D16-T Datasheet HTML 2Page - Unisonic Technologies L4863-D16-T Datasheet HTML 3Page - Unisonic Technologies L4863-D16-T Datasheet HTML 4Page - Unisonic Technologies L4863-D16-T Datasheet HTML 5Page - Unisonic Technologies L4863-D16-T Datasheet HTML 6Page - Unisonic Technologies L4863-D16-T Datasheet HTML 7Page - Unisonic Technologies L4863-D16-T Datasheet HTML 8Page - Unisonic Technologies L4863-D16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R107-050,A
PIN CONFIGURATION
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-16
80
/W
SOP-18
90
/W
DIP-16
63
/W
Thermal resistance (Junction to Ambient)
HTSSOP-20
θJA
90
/W
SOP-16
20
/W
SOP-18
2
/W
DIP-16
20
/W
Thermal resistance (Junction to Case)
HTSSOP-20
θJC
2
/W


Similar Part No. - L4863-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - L4863-D16-T

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863 Datasheet
417Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863 UTC-L4863_07 Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863_16 Datasheet
413Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4863LQ TI1-LM4863LQ Datasheet
1Mb / 28P
[Old version datasheet]   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com