Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMCHF7L0R Datasheet(PDF) 2 Page - ITT Industries

Part # ZMCHF7L0R
Description  Subminiature Snap-acting Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZMCHF7L0R Datasheet(HTML) 2 Page - ITT Industries

  ZMCHF7L0R Datasheet HTML 1Page - ITT Industries ZMCHF7L0R Datasheet HTML 2Page - ITT Industries ZMCHF7L0R Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K–29
Third Angle
Projection
K
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K ZM Series
Subminiature Snap-acting Switches
SERIES
Z M
OPERATING FORCE
ELECTRICAL RATING
Third Angle
Projection
.256
(6,50)
.016
(0,4)
FREE POS.
.315
(8,0)
OPER. POS.
.276 ± .012
(7,0 ± 0,3)
.156
(4,2)
C
NO
NC
PC MOUNTING
ZM
SUBMINIATURE SNAP-ACTING SWITCHES – SP MOMENTARY
3.15
90
CH
5.29
150
CJ
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
OPTION CODE
ZMCJF7PL0T
SPDT
CONTACT MATERIAL
OPTION
CODE
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
F7
3 AMPS @ 125 V AC; 1.5A @ 250 VAC
Fine Silver
Fine silver
M9
Gold over fine silver
Gold over fine silver
0.2 AMP @ 60 V DC
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
Yes
Yes
Yes
Yes
All models
with all options.
Consult Customer Service center for availability and delivery of nonstandard ratings.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.


Similar Part No. - ZMCHF7L0R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC05 ZETEX-ZMC05 Datasheet
69Kb / 3P
   CURRENT SENSOR
ZMC05 ZETEX-ZMC05 Datasheet
71Kb / 3P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC05 DIODES-ZMC05 Datasheet
80Kb / 3P
   CURRENT SENSOR
logo
Zetex Semiconductors
ZMC05TA ZETEX-ZMC05TA Datasheet
69Kb / 3P
   CURRENT SENSOR
ZMC05TA ZETEX-ZMC05TA Datasheet
71Kb / 3P
   CURRENT SENSOR
More results

Similar Description - ZMCHF7L0R

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
   Subminiature Snap-acting Switches
2018
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
   Subminiature Sealed Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com