Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T102J1AVKE2 Datasheet(PDF) 1 Page - ITT Industries

Part # T102J1AVKE2
Description  Subminiature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T102J1AVKE2 Datasheet(HTML) 1 Page - ITT Industries

  T102J1AVKE2 Datasheet HTML 1Page - ITT Industries T102J1AVKE2 Datasheet HTML 2Page - ITT Industries T102J1AVKE2 Datasheet HTML 3Page - ITT Industries T102J1AVKE2 Datasheet HTML 4Page - ITT Industries T102J1AVKE2 Datasheet HTML 5Page - ITT Industries T102J1AVKE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C&K T Series
Subminiature Rocker Switches
Models Available
Features/Benefits
Compact size—small footprint
Single and double pole models
PC and panel mounting options available
RoHS compliant
Typical Applications
Telecommunications
Instrumentation
Medical Equipment
Specifications
CONTACT RATING: Q contact material (TX01 models): 3 AMPS @
120 V AC or 28 V DC. All other models: 2 AMPS @ 120 V AC or
28 V DC. See page H-53 for additional ratings.
ELECTRICAL LIFE: TX01 models: 60,000 make-and-break
cycles at full load. All other models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2–4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or
diallyl phthalate (DAP), (UL 94V-0).
ACTUATOR: Nylon, black standard.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, matte-tin plated.
MOUNTING BRACKET: Stainless steel.
END CONTACTS: B contact material: Copper alloy, with gold plate
over nickel plate. Q contact material: Coin silver, silver plated.
See page H-53 for additional contact materials.
CENTER CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper alloy,
silver plated. See page H-53 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut, Screws & Lockwasher: Stainless steel.
Standoff: Nylon standard.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H-47 through H-52. For additional options not shown in catalog, consult Customer Service Center.
All models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
T101 SP On-None-On
T102 SP Off-None-On
T103 SP On-Off-On
T105 SP Mom.-Off-Mom.
T107 SP On-Off-Mom.
T201 DP On-None-On
T205 DP Mom.-Off-Mom.
Actuator
J1 Rocker, .300" wide
J6 Rocker, .230" wide
Terminations
A Right angle, PC thru-hole
AV Vertical Right angle, PC thru-hole
Z Solder lug
V3 V-bracket
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte-tin
Q Silver
G Gold over silver
Seal
E Epoxy
Actuator Color
2 Black
H–47
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H


Similar Part No. - T102J1AVKE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T102J1ABE2 CK-COMPONENTS-T102J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
T102J1AE2 CK-COMPONENTS-T102J1AE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
More results

Similar Description - T102J1AVKE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T Datasheet
806Kb / 6P
   Subminiature Rocker Switches
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
logo
E-SWITCH
400B E-SWITCH-400B Datasheet
176Kb / 1P
   ROCKER SWITCHES - SMT SUBMINIATURE
logo
ITT Industries
ET01J1ABE2 ITT-ET01J1ABE2 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
logo
C&K Components
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
   Sealed Subminiature Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
   Sealed Subminiature Rocker Switches
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com