Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CB15 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB15
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB15 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CB15 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB15 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Absolute Maximum Ratings at TA = 25˚C
Parameter
Value
Units
DC Forward Current[1]
30
mA
Peak Forward Current
100
mA
Average Forward Current
30
mA
Power Dissipation
120
mW
Reverse Voltage (IR = 100 µA)
5
V
LED Junction Temperature
130
˚C
Operating Temperature Range
–40 to +80
˚C
Storage Temperature Range
–40 to +100
˚C
Package Dimensions
Device Selection Guide
Typical Intensity
Part Number
Color
Viewing Angle
at 20 mA (mcd)
Stand Off
HLMP-CB15
Blue
15˚
1575
No
HLMP-CB16
Blue
15˚
1575
Yes
HLMP-CB30
Blue
30˚
560
No
HLMP-CB31
Blue
30˚
560
Yes
HLMP-CM15
Green
15˚
4700
No
HLMP-CM16
Green
15˚
4700
Yes
HLMP-CM30
Green
30˚
1750
No
HLMP-CM31
Green
30˚
1750
Yes
Notes:
1. Dimensions in mm.
2. Tolerance
± 0.1 mm unless otherwise noted.
Note:
1. Derate linearly as shown in Figure 4 for temperatures above 50˚C.
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
HLMP-Cx15 and HLMP-Cx30
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
d
1.50 ± 0.15
(0.059 ± 0.006)
HLMP-Cx16 and HLMP-Cx31
HLMP-Cx16
HLMP-Cx31
d = 12.60 ± 0.25
(0.496 ± 0.010)
d = 11.96 ± 0.25
(0.471 ± 0.010)


Similar Part No. - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15 AVAGO-HLMP-CB15 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00DD AVAGO-HLMP-CB15-P00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00XX AVAGO-HLMP-CB15-P00XX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-QT000 AVAGO-HLMP-CB15-QT000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-CB1G-XZ0DD BOARDCOM-HLMP-CB1G-XZ0DD Datasheet
977Kb / 14P
   T-1쩐 (5 mm) InGaN Blue and Green LEDs
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com