Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4108BCPZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4108BCPZ-RL
Description  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4108BCPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4108BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 9Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 10Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 11Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 12Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADF4108
Rev. 0 | Page 9 of 20
THEORY OF OPERATION
REFERENCE INPUT STAGE
The reference input stage is shown in Figure 11. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100kΩ
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 11. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 12. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500Ω
1.6V
500Ω
AGND
RFINA
RFINB
AVDD
BIAS
GENERATOR
Figure 12. RF Input Stage
PRESCALER (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and B
counters, enables the large division ratio, N, to be realized (N =
BP + A). The dual-modulus prescaler, operating at CML levels,
takes the clock from the RF input stage and divides it down to a
manageable frequency for the CMOS A and B counters. The
prescaler is programmable. It can be set in software to 8/9,
16/17, 32/33, or 64/65. It is based on a synchronous 4/5 core. A
minimum divide ratio is possible for contiguous output
frequencies. This minimum is determined by P, the prescaler
value, and is given by: (P2 – P).
A AND B COUNTERS
The A and B CMOS counters combine with the dual-modulus
prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are specified to work when the
prescaler output is 300 MHz or less. Thus, with an RF input
frequency of 4.0 GHz, a prescaler value of 16/17 is valid but a
value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
equation for the VCO frequency is as follows:
()
[]
R
f
A
B
P
f
REFIN
VCO
×
+
×
=
where:
fVCO is the output frequency of external voltage controlled
oscillator (VCO).
P is the preset modulus of dual-modulus prescaler (8/9, 16/17,
and so on.).
B is the preset divide ratio of binary 13-bit counter (3 to 8191).
A is the preset divide ratio of binary 6-bit swallow counter (0 to
63).
fREFIN is the external reference frequency oscillator.
LOAD
LOAD
FROM RF
INPUT STAGE
PRESCALER
P/P + 1
13-BIT B
COUNTER
TO PFD
6-BIT A
COUNTER
N DIVIDER
MODULUS
CONTROL
N = BP + A
Figure 13. A and B Counters
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
PHASE FREQUENCY DETECTOR AND CHARGE
PUMP
The phase frequency detector (PFD) takes inputs from the R
counter and N counter (N = BP + A) and produces an output
proportional to the phase and frequency difference between
them. Figure 14 is a simplified schematic. The PFD includes a
programmable delay element that controls the width of the
antibacklash pulse. This pulse ensures that there is no dead zone
in the PFD transfer function and minimizes phase noise and
reference spurs. Two bits in the reference counter latch, ABP2
and ABP1, control the width of the pulse. (See Figure 17.)


Similar Part No. - ADF4108BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4108L703F AD-ADF4108L703F Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results

Similar Description - ADF4108BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com