Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62256AR2-I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HY62256AR2-I
Description  DRAM & SRAM MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HY62256AR2-I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HY62256AR2-I Datasheet HTML 6Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 7Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 8Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 9Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 10Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 11Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 12Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 13Page - List of Unclassifed Manufacturers HY62256AR2-I Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA RETENTION CHARACTERISTIC
TA= 0°C to 70°C (normal) /-40°C to 85°C (E.T.)
Symbol
Parameter
Test Condition
Min Typ Max Unit
VDR
Vcc for Data Re! ention
/CS >= Vcc-0.2V
Vss <= VIN <=
Vcc
2
-
-
V
ICCDR
Data
Retention
Current
HY62256A
Vcc = 3.0V
/CS >= Vcc
-0.2V
Vss <= VIN
<= Vcc
L
-
1
50
uA
LL
-
1
15(2) uA
HY62256A-1
L
-
1
50
uA
tCDR
Chip Disable to Data Retention
Time
See Data
Retention Timing
Diagram
0
-
-
ns
tR
Operating Recovery Time
tRC(3) -
-
ns
Notes
1. Typical values are under the condition of TA = 25°C
2. 3uA max. at TA= 0°C to 40°C
3. tRC is read cycle time.
Data Retention Timing Diagram
RELIABILITY SPEC.
TEST MODE
TEST SPEC.
ESD
HBM
MM
>= 2000V
>= 250V
LATCH-UP
<= -100mA
>= 100mA
Features | Pins | Ratings | Timing | Package | Ordering
3101 North First Street, San Jose, CA 95134
Phone: 408-232-8000 URL: http://www.hea.com/
SRAM Data Sheets | Memory Products | email: DRAMSRAMmemory@hea.com
Copyright © 1997 Hyundai Electronics America.
3 of 3
22/10/97 12:35
-sram/62256alt1
http://www.hea.com/hean2/sram/62256alt1.htm


Similar Part No. - HY62256AR2-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62256AR2-I HYNIX-HY62256AR2-I Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
More results

Similar Description - HY62256AR2-I

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4SD32M16 MICROSS-AS4SD32M16 Datasheet
5Mb / 52P
   Synchronous DRAM Memory
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
SPANSION
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
logo
List of Unclassifed Man...
EDI8L21664V ETC1-EDI8L21664V Datasheet
63Kb / 6P
   External SRAM Memory Solution
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
Austin Semiconductor
MT5C2561 AUSTIN-MT5C2561 Datasheet
122Kb / 11P
   MT5C2561 SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com