Electronic Components Datasheet Search |
|
MS3472W8-32AW Datasheet(PDF) 7 Page - ITT Industries |
|
MS3472W8-32AW Datasheet(HTML) 7 Page - ITT Industries |
7 / 10 page www.ittcannon.com 163 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-26482, Series 2 Connectors PV Thru-Bulkhead Receptacle How to Order - PV-TBF Tooling PV-TBF Shell Size 8 10 12 14 16 18 20 22 24 .471 (11.96) .588 (14.94) .748 (19.00) .873 (22.17) .998 (25.35) 1.123 (28.52) 1.248 (31.70) 1.373 (34.87) 1.498 (38.05) Notes: 1) Shell available in conductive (nickel finish) only. 2) Contacts are nonremovable. PV-TBF - ITT Cannon prefix Pin and socket 20 16 12 CIET-20-11 (274-7001-006) M81969/14-11 M81969/14-03 M81969/14-04 Red Blue Yellow White White White MS27534-20, MS3447-20, NAS1664-20 MS27534-16, MS3447-16, NAS1664-16 MS27534-12, MS3447-12, NAS1664-12 274-7007-000 274-7008-000 274-7009-00 CIET-16-03 (274-7002-000) CIET-12-04 (274-7003-000) Shell available in conductive (nickel fin- ish) only. Contacts are nonremovable. Designed to MS3119 configuration and meets the performance requirements of MIL-C-26482 Series 2. Notes: 1) 2) 3) No designation required for normal. Standard MS alternate posistions available. 8 through 24 10-6, 14-19, 16-8, 16-26, 18-32, 20-39, 20- 41, 22-41, 22-55, 24-61. .062 (1.57) .062 (1.57) .062 (1.57) .062 (1.57) .062 (1.57) .062 (1.57) .094 (2.39) .094 (2.39) .094 (2.39) 1.125 (28.58) 1.125 (28.58) 1.125 (28.58) 1.125 (28.58) 1.125 (28.58) 1.125 (28.58) 1.406 (35.71) 1.406 (35.71) 1.406 (35.71) .577 (14.66) .577 (14.66) .577 (14.66) .577 (14.66) .577 (14.66) .577 (14.66) .703 (17.86) .703 (17.86) .703 (17.86) .594 (15.09) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.92) .828 (21.03) .954 (24.23) 1.047 (26.59) 1.141 (28.98) 1.234 (31.34) 1.328 (33.73) 1.453 (36.91) 1.578 (40.08) 1.703 (43.26) .218 (5.54) .218 (5.54) .218 (5.54) .218 (5.54) .218 (5.54) .218 (5.54) .344 (8.74) .344 (8.74) .311 (7.90) Contact Size Cannon Part Number M81969 Part Number Insertion Color Tip Extraction Color Tip Superseded Mil. Pt. No. Unwired Contact Tools Cannon Pt. No. CBT 520/530 Insertion/Extraction Tools Crimp Tool M22520/1-01 Crimp Tool with M22520/1-02 Turret Wire Contact Tools SERIES PREFIX PV-TBF 10 -6 PS W SERIES PREFIX SHELL SIZE INSERT ARRANGEMENTS SHELL SIZE INSERT ARRANGEMENTS CONTACT STYLE CONTACT STYLE PANEL PANEL X X A DIA. K A DIA. S (TYP) R (TP) POLARIZING GROOVE 4 HOLES .125/.115 (3.18/2.92) DIA. SIZES 8-22 .152/.142 (3.86/3.61) DIA. SIZES 24 ONLY .140 RAD. MAX. M L FRONT PANEL MOUNTING REAR PANEL MOUNTING ALTERNATE POLARIZING POSITION ALTERNATE POLARIZING POSITION A Dia + _.003 (0.08) K + _.016 (0.41) M + _.016 (0.41) L Max. S Max. X Max. R (TP) |
Similar Part No. - MS3472W8-32AW |
|
Similar Description - MS3472W8-32AW |