Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSFY-25S-K87-F204 Datasheet(PDF) 5 Page - ITT Industries

Part # DCSFY-25S-K87-F204
Description  Cannon Speedy D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCSFY-25S-K87-F204 Datasheet(HTML) 5 Page - ITT Industries

  DCSFY-25S-K87-F204 Datasheet HTML 1Page - ITT Industries DCSFY-25S-K87-F204 Datasheet HTML 2Page - ITT Industries DCSFY-25S-K87-F204 Datasheet HTML 3Page - ITT Industries DCSFY-25S-K87-F204 Datasheet HTML 4Page - ITT Industries DCSFY-25S-K87-F204 Datasheet HTML 5Page - ITT Industries DCSFY-25S-K87-F204 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cannon Speedy D
Mounting combinations
6
Dimensions shown in mm
Specifications and dimensions subject to change.
www.ittcannon.com
A
B
C
H
Fig.
Size
Pin
Socket
+0,76
+0,76
+0,76
_0,76/-0
1A
A, E
Standard
Standard
6,35
7,63
6,99
6,99
1B
B, C, D
Standard
Standard
6,04
7,71
7,06
6,68
2
A, E
Standard
float
5,53
6,18
2
B, C, D
Standard
float
5,23
6,25
2
A, E
float
Standard
5,53
6,18
2
B, C, D
float
Standard
5,23
5,87
3
A, E
Standard
float
8,59
7,95
3
B, C, D
Standard
float
8,66
7,64
3
A, E
float
Standard
8,59
7,95
3
B, C, D
float
Standard
8,51
7,87
Remark:
A, B, C and H are dimensions between panels and
represent the recommended limit to be used in the
design of the connector mounting method.
Standard pin assemblies contain 0,38 mm thick
front shells on E and A sizes and 0,61 mm thick
shells on B, C and D sizes.
B
Pin
Socket
front mount
rear mount
front mount
rear mount
A
H
Pin
Socket
front mount
rear mount
front mount
rear mount
C
Pin
Socket
front mount
rear mount
front float mount
rear float mount
C
Pin
Socket
front mount
rear mount
front float mount
front float mount
B
A
C
Figure 1A
Figure 1B
Figure 2
Figure 3


Similar Part No. - DCSFY-25S-K87-F204

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
logo
Adam Technologies, Inc.
DCS-01-X ADAM-TECH-DCS-01-X Datasheet
87Kb / 1P
   D-SUB SOCKET CONATACT
DCS-01-X-30 ADAM-TECH-DCS-01-X-30 Datasheet
87Kb / 1P
   D-SUB SOCKET CONTACT
DCS-02-X-30 ADAM-TECH-DCS-02-X-30 Datasheet
78Kb / 1P
   D-SUB SOCKET CONTACT
logo
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
More results

Similar Description - DCSFY-25S-K87-F204

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com