Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6415 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6415
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6415 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6415 Datasheet HTML 1Page - Sanyo Semicon Device CPH6415 Datasheet HTML 2Page - Sanyo Semicon Device CPH6415 Datasheet HTML 3Page - Sanyo Semicon Device CPH6415 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH6415
No.7284-3/4
0
20
40
60
80
100
120
140
160
0.01
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
10
100
7
5
3
2
7
5
3
2
3
2
SW Time -- ID
IT05030
Ciss, Coss, Crss -- VDS
IT05028
0.01
0.1
23
5
7
1.0
23
5
7
23
5
7 10
23
5
7
0.1
1.0
23
5
7
10
0.1
1.0
10
7
5
3
2
7
5
3
2
3
2
yfs -- ID
IT05029
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IF -- VSD
0
4
8
12
16
20
2
6
10
14
18
100
10
1000
7
5
3
2
7
5
3
2
IT05031
VGS -- Qg
IT05032
0
0.5
1.0
1.5
1.6
2.0
0
0123456
9
10
78
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
PD -- Ta
IT05034
A S O
0.01
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
2
3
10
1.0
23
5 7
23
5 7
23
5 7
23
0.1
0.01
IT05033
VDS=10V
75°
C
Ta=
--25
°C
VGS=0
25
°C
VDD=10V
VGS=4V
td(on)
td(off)
t r
tf
f=1MHz
Ciss
Coss
Crss
VDS=10V
ID=4A
IDP=16A
ID=4A
Operation in this
area is limited by RDS(on).
100ms
DC
operation
1ms
10ms
<10µs
100
µ
s
Ta=25
°C
Single pulse
Mounted on a ceramic board(1200mm2!0.8mm)
Mounted
on
a ceramic
board(1200mm
2!
0.8mm)
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V


Similar Part No. - CPH6415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPH6411 ETC-CPH6411 Datasheet
54Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
logo
Sanyo Semicon Device
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH6413 SANYO-CPH6413 Datasheet
44Kb / 4P
   CPH6413
More results

Similar Description - CPH6415

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com