Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E205J1AV2K32 Datasheet(PDF) 10 Page - ITT Industries

Part # E205J1AV2K32
Description  Sealed Miniature Rocker and Lever Handle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E205J1AV2K32 Datasheet(HTML) 10 Page - ITT Industries

Back Button E205J1AV2K32 Datasheet HTML 6Page - ITT Industries E205J1AV2K32 Datasheet HTML 7Page - ITT Industries E205J1AV2K32 Datasheet HTML 8Page - ITT Industries E205J1AV2K32 Datasheet HTML 9Page - ITT Industries E205J1AV2K32 Datasheet HTML 10Page - ITT Industries E205J1AV2K32 Datasheet HTML 11Page - ITT Industries E205J1AV2K32 Datasheet HTML 12Page - ITT Industries E205J1AV2K32 Datasheet HTML 13Page - ITT Industries E205J1AV2K32 Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
H–35
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K E Series
Sealed Miniature Rocker and Lever Handle Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
PC MOUNTING
V21
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V7, V8
VERTICAL MOUNT, V-BRACKET
V21
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V6, V7, V8
VERTICAL MOUNT, V-BRACKET
V21
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V6, V7, V8
VERTICAL MOUNT, V-BRACKET
NOTE: Available actuators, see pages H-28 and H-30.
NOTE: Available actuators, see pages H-28 and H-30.
NOTE: Available actuators, see pages H-28 and H-30.
V21
.555 (14, 10)
V6
.460 (11, 68)
V7
.630 (16, 00)
V8
.953 (24, 21)
DIM ‘A’
OPTION
CODE
V21
.555 (14, 10)
V6
.460 (11, 68)
V7
.630 (16, 00)
V8
.953 (24, 21)
DIM ‘A’
OPTION
CODE
V21
.555 (14, 10)
V7
.630 (16, 00)
V8
.953 (24, 21)
DIM ‘A’
OPTION
CODE
E101J1__BE2
SPDT
E201J1__BE2
DPDT
E301J1__BE2
3PDT
H


Similar Part No. - E205J1AV2K32

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E205 GILWAY-E205 Datasheet
85Kb / 2P
   T-1 3/4 Bi-Color LEDs (Very Bright)
logo
MicroPower Direct, LLC
E205 MPD-E205 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E205 CK-COMPONENTS-E205 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E205 CK-COMPONENTS-E205 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E205 CK-COMPONENTS-E205 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E205J1AV2K32

ManufacturerPart #DatasheetDescription
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com