Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9169L9PF1 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70T9169L9PF1
Description  HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9169L9PF1 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70T9169L9PF1 Datasheet HTML 6Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 7Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 8Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 9Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 10Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 11Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 12Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 13Page - Integrated Device Technology IDT70T9169L9PF1 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
IDT70T9169/59L
High-Speed 2.5V 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Preliminary
Timing Waveform of Write with Port-to-Port .low-Through Read(4,5,7)
NOTES:
1. B1 Represents Bank #1; B2 Represents Bank #2. Each Bank consists of one IDT70T9169/59 for this waveform, and are setup for depth expansion in this
example. ADDRESS(B1) = ADDRESS(B2) in this situation.
2.
OE and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.
3. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
4.
CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
5.
OE = VIL for the Right Port, which is being read from. OE = VIH for the Left Port, which is being written to.
6. If tCCS < maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD.
If tCCS > maximum specified, then data from right port READ is not valid until tCCS + tCD1. tCWDD does not apply in this case.
7. All timing is the same for both Left and Right ports. Port "A" may be either Left or Right port. Port "B" is the opposite from Port "A".
Timing Waveform of a Bank Select Pipelined Read(1,2)
tSC
tHC
CE0(B1)
ADDRESS(B1)
A0
A1
A2
A3
A4
A5
tSA
tHA
CLK
5654 drw 09
Q0
Q1
Q3
DATAOUT(B1)
tCH2
tCL2
tCYC2
(3)
ADDRESS(B2)
A0
A1
A2
A3
A4
A5
tSA
tHA
CE0(B2)
DATAOUT(B2)
Q2
Q4
tCD2
tCD2
tCKHZ
tCD2
tCKLZ
tDC
tCKHZ
tCD2
tCKLZ
(3)
(3)
tSC
tHC
(3)
tCKHZ
(3)
tCKLZ
(3)
tCD2
A6
A6
tDC
tSC
tHC
tSC
tHC
DATAIN "A"
CLK "B"
R/
W "B"
ADDRESS "A"
R/
W "A"
CLK "A"
ADDRESS "B"
NO
MATCH
MATCH
NO
MATCH
MATCH
VALID
tCWDD
tCD1
tDC
DATAOUT "B"
5654 drw 10
VALID
VALID
tSW
tHW
tSA
tHA
tSD
tHD
tHW
tCD1
tCCS
tDC
tSA
tSW
tHA
(6)
(6)


Similar Part No. - IDT70T9169L9PF1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9169L9PF1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709169L IDT-IDT709169L Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com