Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBWB2A2 Datasheet(PDF) 2 Page - ITT Industries

Part # TBWB2A2
Description  Trackball Miniature All-direction Scanning Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TBWB2A2 Datasheet(HTML) 2 Page - ITT Industries

  TBWB2A2 Datasheet HTML 1Page - ITT Industries TBWB2A2 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–4
Trackball
Miniature All-direction Scanning Switch
ø8,0
6,8
12
50,3
7,55
2,5
1,8
2,5
8,55
1,5
4,6
3,2
2,6
4,9
10
1,5
Y'
Y
X
X'
O
Standard ITT flex
SEE INTERFACE DETAIL Q
(.393)
(.193)
(.059)
(2.33±.012)
(.472)
(.181)
(.126)
(1.98)
(.297)
(.098)
(.268)
(.098)
(. 071)
(.059)
(ø3.15)
(.334)
(.102)
(59,3±0,3)
4
1
3
2
4
5
6
7
8
9
10
11
Scanning position X-X'
Scanning position Y-Y'
Select
OY
OY'
OX
OX'
Led 2
Led common
Led 1
DETAIL Q
Each piece is date code printed:
1st Line: 3124A = 3 is Year, 124 is day in the year,
A is shift identification
2nd Line: WB2 A00 = Reference of the product.
ø9,5
ø9,05
ITT 3124A
WB2 A00
BALL
SEAL COVER
( stainless steel )
(ø .374)
(ø.356)
INTEGRATION EXAMPLE
C


Similar Part No. - TBWB2A2

ManufacturerPart #DatasheetDescription
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
   Miniature All-direction Navigation Switch
More results

Similar Description - TBWB2A2

ManufacturerPart #DatasheetDescription
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
   Miniature All-direction Navigation Switch
logo
Cherry Semiconductor Co...
G84-5400 CHERRY-G84-5400 Datasheet
432Kb / 2P
   XS Trackball Keyboard
logo
ITT Industries
TPC1133GLFG ITT-TPC1133GLFG Datasheet
315Kb / 3P
   Tri-direction Scan Switch
logo
C&K Components
TPC CK-COMPONENTS-TPC Datasheet
373Kb / 3P
   Tri-direction Scan Switch
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
C&K Components
CS CK-COMPONENTS-CS Datasheet
120Kb / 1P
   4-way Adjustable Direction Switch
2 Mar 22
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
   miniature switch
logo
STMicroelectronics
STV2161 STMICROELECTRONICS-STV2161 Datasheet
1Mb / 19P
   VIDEO SCANNING PSI PROCESSOR
logo
IOGEAR
GKB635W IOGEAR-GKB635W Datasheet
180Kb / 2P
   Wireless Smart TV Keyboard w/Trackball
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com