Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9169L9BF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70T9169L9BF
Description  HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9169L9BF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70T9169L9BF Datasheet HTML 4Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 5Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 6Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 7Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 8Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 9Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 10Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 11Page - Integrated Device Technology IDT70T9169L9BF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6.42
IDT70T9169/59L
High-Speed 2.5V 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Preliminary
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characteriza-
tion, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) to either the Left or Right ports when
FT/PIPE = VIH. Flow-Through parameters (tCYC1, tCD1) apply when FT/PIPE = VIL for
that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (
OE), FT/PIPER and FT/PIPEL.
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3) (VDD = 2.5V ± 100mV, TA = 0°C to +70°C)
70T9169/59L7
Com'l Only
70T9169/59L9
Com'l & Ind
70T9169/59L12
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)
(2)
22
____
25
____
30
____
ns
tCYC2
Clock Cycle Time (Pipelined)
(2)
12
____
15
____
20
____
ns
tCH1
Clock High Time (Flow-Through)
(2)
7.5
____
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)
(2)
7.5
____
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)
(2)
5
____
6
____
8
____
ns
tCL2
Clock Low Time (Pipelined)
(2)
5
____
6
____
8
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
4
____
ns
tHA
Address Hold Time
0
____
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
0
____
1
____
1
____
ns
tSB
Byte Enable Setup Time
4
____
4
____
4
____
ns
tHB
Byte Enable Hold Time
0
____
1
____
1
____
ns
tSW
R/
W Setup Time
4
____
4
____
4
____
ns
tHW
R/
W Hold Time
0
____
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
4
____
ns
tHD
Input Data Hold Time
0
____
1
____
1
____
ns
tSAD
ADS Setup Time
4
____
4
____
4
____
ns
tHAD
ADS Hold Time
0
____
1
____
1
____
ns
tSCN
CNTEN Setup Time
4
____
4
____
4
____
ns
tHCN
CNTEN Hold Time
0
____
1
____
1
____
ns
tSRST
CNTRST Setup Time
4
____
4
____
4
____
ns
tHRST
CNTRST Hold Time
0
____
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
7.5
____
9
____
12
ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z
(1)
17
17
17
ns
tCD1
Clock to Data Valid (Flow-Through)
(2)
____
18
____
20
____
25
ns
tCD2
Clock to Data Valid (Pipelined)
(2)
____
7.5
____
9
____
12
ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
29
29
29
ns
tCKLZ
Clock High to Output Low-Z
(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
28
____
35
____
40
ns
tCCS
Clock-to-Clock Setup Time
____
10
____
15
____
15
ns
5654 tbl 11


Similar Part No. - IDT70T9169L9BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9169L9BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709169L IDT-IDT709169L Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com