Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E225SD1A3LE Datasheet(PDF) 6 Page - ITT Industries

Part # E225SD1A3LE
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E225SD1A3LE Datasheet(HTML) 6 Page - ITT Industries

  E225SD1A3LE Datasheet HTML 1Page - ITT Industries E225SD1A3LE Datasheet HTML 2Page - ITT Industries E225SD1A3LE Datasheet HTML 3Page - ITT Industries E225SD1A3LE Datasheet HTML 4Page - ITT Industries E225SD1A3LE Datasheet HTML 5Page - ITT Industries E225SD1A3LE Datasheet HTML 6Page - ITT Industries E225SD1A3LE Datasheet HTML 7Page - ITT Industries E225SD1A3LE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A–24
C&K E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
Disposable splashproof boot supplied standard.
Remove and discard boot
only after soldering and
cleaning processes are complete.
Dim 'A'
SNAP-IN
PC MOUNTING
E
EPOXY SEAL AND DISPOSABLE SPLASHPROOF BOOT
V6, V8
VERTICAL MOUNT, V-BRACKET
V61, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
E221SD3V6GE
DPDT
V6, V61
.460 (11,68)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 N.O. AND N.C. CONTACTS: Coin silver, with gold plate over nickel plate.
3 COMMON CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
5 TERMINALS: Copper alloy, with matte-tin alloy over nickel plate.
NOTE: Any models supplied with P, R, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
E121, E221 models
with all options when ordered with mandatory
G, R or L contact material.
P, B or K contact material must be ordered with EX25 models.
R, G or L contact material must be ordered with EX21 models.
A
OPTION
CODE
TERMINAL
PLATING
RATINGS
GOLD 1
GOLD 3
TIN-LEAD 4
MATTE-TIN 5
GOLD 1
TIN-LEAD 4
MATTE-TIN 5
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT OR POWER
EX25 MODELS ONLY: 0.4 VA MAX.
@ 20 V AC OR DC MAX.
EX21 MODELS ONLY: 0.4 VA MAX @ 20 V AC OR
DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC.
B
K
P
G
L
R
GOLD OVER
SILVER 2,3
CONTACT
MATERIAL
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES


Similar Part No. - E225SD1A3LE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E225 GILWAY-E225 Datasheet
71Kb / 2P
   Rectangular LEDs
logo
MicroPower Direct, LLC
E225 MPD-E225 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
Sharp Corporation
E2251T SHARP-E2251T Datasheet
46Kb / 2P
   PAL Format Electronic Television Modulators
logo
General Cable Technolog...
E2252S GENERAL-E2252S Datasheet
74Kb / 1P
   2C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2254S GENERAL-E2254S Datasheet
74Kb / 1P
   4C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
More results

Similar Description - E225SD1A3LE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com