Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T9169L9PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70T9169L9PF
Description  HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T9169L9PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70T9169L9PF Datasheet HTML 7Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 8Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 9Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 10Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 11Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 12Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 13Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 14Page - Integrated Device Technology IDT70T9169L9PF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6.42
IDT70T9169/59L
High-Speed 2.5V 16/8K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
Preliminary
Timing Waveform of Pipelined Read-to-Write-to-Read (OE = VIL)(3)
Timing Waveforn of Pipelined Read-to-Write-to-Read (OE Controlled)(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals.
3.
CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. "NOP" is "No Operation".
4. Addresses do not have to be accessed sequentially since
ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only.
5.
"NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
R/
W
ADDRESS
An
An +1
An + 2
An + 2
An + 3
An + 4
DATAIN
Dn + 2
5654 drw 11
Qn
Qn + 3
DATAOUT
tCD2
tCKHZ
tCKLZ
tCD2
tSW tHW
tSA
tHA
READ
NOP
READ
tSD tHD
(4)
(2)
(1)
(1)
tSW tHW
WRITE
(5)
CE0
CLK
CE1
tSC tHC
tCH2
tCL2
tCYC2
R/
W
ADDRESS
An
An +1
An + 2
An + 3
An + 4
An + 5
DATAIN
Dn + 3
Dn + 2
5654 drw 12
DATAOUT
Qn
Qn + 4
OE
tCKLZ
(1)
tCD2
tOHZ
(1)
tCD2
tSD
tHD
READ
WRITE
READ
tSW tHW
tSA
tHA
(4)
(2)
tSW tHW
CE0
CLK
CE1
tCH2
tCL2
tCYC2
tSC
tHC


Similar Part No. - IDT70T9169L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T9169L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709169L IDT-IDT709169L Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709169 RENESAS-709169 Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com