Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77252L155PG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT77252L155PG
Description  155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77252L155PG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT77252L155PG Datasheet HTML 7Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 8Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 9Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 10Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 11Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 12Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 13Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 14Page - Integrated Device Technology IDT77252L155PG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 of 17
March 26, 2001
IDT77252
! 
 
! 
 
! 
 
! 
 
CLK_OUT
198
AD[12]
47
SR_I/O[06]
99
UTL_AD[5]
147
RST
203
AD[11]
48
SR_I/O[07]
100
UTL_AD[6]
148
CLK
204
AD[10]
49
SR_I/O[08]
101
UTL_AD[7]
149
GNT
205
AD[9]
50
SR_I/O[09]
102
UTL_WR
151
REQ
206
AD[8]
51
SR_I/O[10]
103
UTL_RD
152
AD[31]
2
C/BE[0]
55
SR_I/O[11]
106
UTL_ALE
153
AD[30]
3
AD[7]
56
SR_I/O[12]
107
PHY_RST
154
AD[29]
4
AD[6]
58
SR_I/O[13]
108
PHY_INT
155
AD[28]
5
AD[5]
59
SR_I/O[14]
109
UTL_CS[0]
158
AD[27]
6
AD[4]
60
SR_I/O[15]
110
UTL_CS[1]
159
AD[26]
7
AD[3]
63
SR_I/O[16]
111
TxData[0]
160
AD[25]
10
AD[2]
64
SR_I/O[17]
113
TxData[1]
161
AD[24]
11
AD[1]
65
SR_I/O[18]
114
TxData[2]
162
C/BE[3]
12
AD[0]
66
SR_I/O[19]
115
TxData[3]
163
IDSEL
13
SR_WE
69
SR_I/O[20]
116
TxData[4]
165
AD[23]
14
SR_A[13]
70
SR_I/O[21]
117
TxData[5]
166
AD[22]
15
SR_A[8]
71
SR_I/O[22]
118
TxData[6]
168
AD[21]
18
SR_A[9]
72
SR_I/O[23]
120
TxData[7]
169
AD[20]
20
SR_A[11]
73
SR_I/O[24]
122
TxSOC
171
AD[19]
21
SR_OE
74
SR_I/O[25]
123
TxEnb
172
AD[18]
22
SR_A[10]
75
SR_I/O[26]
124
TxCLAV
173
AD[17]
23
SR_CS
76
SR_I/O[27]
125
TxCLK
174
AD[16]
24
SR_A[12]
81
SR_I/O[28]
126
RxData[0]
176
C/BE[2]
27
SR_A[7]
82
SR_I/O[29]
128
RxData[1]
177
Frame
29
SR_A[6]
83
SR_I/O[30]
129
RxData[2]
178
IRDY
30
SR_A[5]
84
SR_I/O[31]
130
RxData[3]
179
TRDY
31
SR_A[4]
85
E_CE
131
RxData[4]
181
DEVSEL
32
SR_A[3]
86
EECS
133
RxData[5]
182
STOP
33
SR_A[2]
87
EESCLK
134
RxData[6]
183
INITA
36
SR_A[1]
88
EEDI
135
RxData[7]
184
PERR
38
SR_A[0]
89
EEDO
136
RxSOC
185
SERR
39
SR_I/O[00]
92
SAR_CLK
138
RxEnb
186
PAR
40
SR_I/O[01]
93
UTL_AD[0]
140
RxCLAV
187
C/BE[1]
41
SR_I/O[02]
94
UTL_AD[1]
141
RxCLK
189
AD[15]
42
SR_I/O[03]
95
UTL_AD[2]
142
PHY_CLK
190
AD[14]
45
SR_I/O[04]
96
UTL_AD[3]
144
TxParity
191
AD[13]
46
SR_I/O[05]
97
UTL_AD[4]
146
Table 2 NAND Tree Pin Order


Similar Part No. - IDT77252L155PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77010L155PQF ETC1-IDT77010L155PQF Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TF IDT-IDT77105L25TF Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results

Similar Description - IDT77252L155PG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
   ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77155 IDT-IDT77155 Datasheet
307Kb / 50P
   PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Advanced Micro Devices
AM79C978 AMD-AM79C978 Datasheet
3Mb / 261P
   Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Advanced Micro Devices
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
   Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
logo
Advanced Micro Devices
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
   PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com