Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21367 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21367
Description  SHARC Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21367 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21367 Datasheet HTML 2Page - Analog Devices ADSP-21367 Datasheet HTML 3Page - Analog Devices ADSP-21367 Datasheet HTML 4Page - Analog Devices ADSP-21367 Datasheet HTML 5Page - Analog Devices ADSP-21367 Datasheet HTML 6Page - Analog Devices ADSP-21367 Datasheet HTML 7Page - Analog Devices ADSP-21367 Datasheet HTML 8Page - Analog Devices ADSP-21367 Datasheet HTML 9Page - Analog Devices ADSP-21367 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Rev. PrA
|
Page 6 of 48
|
November 2004
ADSP-21367
Preliminary Technical Data
Using the DM bus and PM buses, with one bus dedicated to
each memory block, assures single-cycle execution with two
data transfers. In this case, the instruction must be available in
the cache.
EXTERNAL MEMORY
The External Port on the ADSP-21367 SHARC provides a high
performance, glueless interface to a wide variety of industry-
standard memory devices. The 32-bit wide bus may be used to
interface to synchronous and/or asynchronous memory devices
through the use of it's separate internal memory controllers: the
first is an SDRAM controller for connection of industry-stan-
dard synchronous DRAM devices and DIMMs (Dual Inline
Memory Module), while the second is an asynchronous mem-
ory controller intended to interface to a variety of memory
devices. Four memory select pins enable up to four separate
devices to coexist, supporting any desired combination of syn-
chronous and asynchronous device types.
SDRAM Controller
The SDRAM controller provides an interface to up to four sepa-
rate banks of industry-standard SDRAM devices or DIMMs, at
speeds up to fSCLK. Fully compliant with the SDRAM standard,
each bank can has it's own memory select line (MS0–MS3), and
can be configured to contain between 16M bytes and
128M bytes of memory.
The controller maintains all of the banks as a contiguous
address space so that the processor sees this as a single address
space, even if different size devices are used in the different
banks.
A set of programmable timing parameters is available to config-
ure the SDRAM banks to support slower memory devices. The
memory banks can be configured as either 32 bits wide for max-
imum performance and bandwidth or 16 bits wide for
minimum device count and lower system cost.
The SDRAM controller address, data, clock, and command pins
can drive loads up to 30 pF. For larger memory systems, the
SDRAM controller external buffer timing should be selected
and external buffering should be provided so that the load on
the SDRAM controller pins does not exceed 30 pF.
Asynchronous Controller
The asynchronous memory controller provides a configurable
interface for up to four separate banks of memory or I/O
devices. Each bank can be independently programmed with dif-
ferent timing parameters, enabling connection to a wide variety
of memory devices including SRAM, ROM, and flash EPROM,
as well as I/O devices that interface with standard memory con-
trol lines. Bank0 occupies a 14.7M word window and banks 1, 2,
and 3 occupy a 16M word window in the processor’s address
space but, if not fully populated, these windows are not made
contiguous by the memory controller logic. The banks can also
be configured as 8-bit, 16-bit, or 32-bit wide buses for ease of
interfacing to a range of memories and I/O devices tailored
either to high performance or to low cost and power.
The asynchronous memory controller is capable of a maximum
throughput of 267M bytes/sec using a 66MHz external bus
speed. Other features include 8 to 32-bit and 16 to 32-bit pack-
ing and unpacking, booting from Bank Select 1, and support for
delay line DMA.
ADSP-21367 INPUT/OUTPUT FEATURES
The ADSP-21367 I/O processor provides 34 channels of DMA,
as well as an extensive set of peripherals. These include a 20 pin
Digital Audio Interface which controls:
• Eight Serial ports
• S/PDIF Receiver/Transmitter
• Four Precision Clock generators
Reserved
0x0005 F000–0x0005 FFFF
Reserved
0x000B 4000–0x000B FFFF
Reserved
0x000B E000– 0x000B FFFF
Reserved
0x0017 C000–0x0017 FFFF
BLOCK 1 RAM
0x0005 C000–0x0005 EFFF
BLOCK 1 RAM
0x000B 0000–0x000B 3FFF
BLOCK 1 RAM
0x000B 8000–0x000B DFFF
BLOCK 1 RAM
0x0017 0000–0x0017 BFFF
BLOCK 2 RAM
0x0006 0000–0x0006 0FFF
BLOCK 2 RAM
0x000C 0000–0x000C 1554
BLOCK 2 RAM
0x000C 0000–0x000C 1FFF
BLOCK 2 RAM
0x0018 0000–0x0018 3FFF
Reserved
0x0006 1000– 0x0006 FFFF
Reserved
0x000C 1555–0x000C 3FFF
Reserved
0x000C 2000–0x000D FFFF
Reserved
0x0018 4000–0x001B FFFF
BLOCK 3 RAM
0x0007 0000–0x0007 0FFF
BLOCK 3 RAM
0x000E 0000–0x000E 1554
BLOCK 3 RAM
0x000E 0000–0x000E 1FFF
BLOCK 3 RAM
0x001C 0000–0x001C 3FFF
Reserved
0x0007 1000– 0x0007 FFFF
Reserved
0x000E 1555–0x000F FFFF
Reserved
0x000E 2000–0x000F FFFF
Reserved
0x001C 4000–0x001F FFFF
Table 2. ADSP-21367 Internal Memory Space (Continued)
IOP Registers 0x0000 0000 - 0003 FFFF
Long Word (64 bits)
Extended Precision Normal or
Instruction Word (48 bits)
Normal Word (32 bits)
Short Word (16 bits)


Similar Part No. - ADSP-21367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21367BBP-2A AD-ADSP-21367BBP-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367BBP-2A AD-ADSP-21367BBP-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21367BBPZ-2A AD-ADSP-21367BBPZ-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
More results

Similar Description - ADSP-21367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com